Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT23P09 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT23P09
Description  -23A, -100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT23P09 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT23P09 Datasheet HTML 1Page - Unisonic Technologies UT23P09 Datasheet HTML 2Page - Unisonic Technologies UT23P09 Datasheet HTML 3Page - Unisonic Technologies UT23P09 Datasheet HTML 4Page - Unisonic Technologies UT23P09 Datasheet HTML 5Page - Unisonic Technologies UT23P09 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT23P09
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-844.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
VGS=-10V, TC=25°C
ID
-23
A
VGS=-10V, TC=100°C
-16
A
Pulsed (Note 2)
IDM
-76
A
Avalanche Current (Note 2)
IAR
-11
A
Avalanche Energy
Single Pulse (Note 3)
EAS
430
mJ
Repetitive (Note 2)
EAR
14
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.0
V/ns
Power Dissipation (TC=25°C)
PD
140
W
Linear Derating Factor
0.91
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.Repetitive rating; pulse width limited by max. junction temperature.
3.Starting TJ=25°C, L=7.1mH, RG=25Ω, IAS=-11A.
4.ISD≤-11A, di/dt≤-470A/µs, VDD≤BVDSS, TJ≤150°C.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
1.1
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com