Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT23P09 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT23P09
Description  -23A, -100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT23P09 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT23P09 Datasheet HTML 1Page - Unisonic Technologies UT23P09 Datasheet HTML 2Page - Unisonic Technologies UT23P09 Datasheet HTML 3Page - Unisonic Technologies UT23P09 Datasheet HTML 4Page - Unisonic Technologies UT23P09 Datasheet HTML 5Page - Unisonic Technologies UT23P09 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT23P09
Preliminary
POWER MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-844.a
-23A, -100V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT23P09 is a P-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with high
switching speed and a minimum on-state resistance.
The UTC UT23P09 is suitable for all commercial-industrial
applications, etc.
FEATURES
* RDS(ON)<0.117Ω @ VGS=-10V, ID=-11A
* High Switching Speed
* Dynamic dv/dt Rating
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT23P09L-TA3-T
UT23P09G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UT23P09

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
UT230-55 MARKTECH-UT230-55 Datasheet
269Kb / 4P
LEDs
UT230-55 MARKTECH-UT230-55_15 Datasheet
269Kb / 4P
LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
LEDs
logo
Unisonic Technologies
UT2301 UTC-UT2301 Datasheet
184Kb / 4P
2.8A, 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT23P09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 23A, N-channel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com