Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P10 Datasheet (PDF) - Unisonic Technologies

UTT50P10 Datasheet PDF - Unisonic Technologies
Part # UTT50P10
Download  UTT50P10 Download
File Size   127.36 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -50A, -100V P-CHANNEL POWER MOSFET

UTT50P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT50P10 Datasheet PDF - Unisonic Technologies

Part # UTT50P10
Download  UTT50P10 Click to download

File Size   127.36 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -50A, -100V P-CHANNEL POWER MOSFET

UTT50P10 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT50P10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50P10G-TA3-T UTC-UTT50P10G-TA3-T Datasheet
155Kb / 3P
P-CHANNEL POWER MOSFET
UTT50P10L-TA3-T UTC-UTT50P10L-TA3-T Datasheet
155Kb / 3P
P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10_15 Datasheet
155Kb / 3P
P-CHANNEL POWER MOSFET
More results


Similar Description - UTT50P10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
40V, 50A P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
-23A, -100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P50LF10SL SHINDENGEN-P50LF10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 50A, N-channel
P50LF10SLK SHINDENGEN-P50LF10SLK Datasheet
1Mb / 7P
Power MOSFETs 100V, 50A, N-channel
logo
Rohm
RD3P05BAT ROHM-RD3P05BAT Datasheet
2Mb / 14P
Pch -100V -50A Power MOSFET
20230105 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com