Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT50P10
Description  -50A, -100V P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT50P10 Datasheet HTML 1Page - Unisonic Technologies UTT50P10 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTT50P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R502-607.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
-50
A
Drain Current
Pulsed
IDM
-90
A
Power Dissipation
PD
225
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
0.55
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=-250µA, VGS=0V
-100
V
VDS=0.8×Max.rating, VGS=0V, TJ=25°C
-1
Drain-Source Leakage Current
IDSS
VDS=0.8×Max.rating, VGS=0V, TJ=125°C
-500
µA
Forward
VGS=+20V
+100
nA
Gate- Source Leakage
Current
Reverse
IGSS
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-1
-3
V
VGS=-10V, ID=-20A
0.019 0.023
Static Drain-Source On-State
Resistance
RDS(ON)
VGS=-4.5V, ID=-15A
0.021 0.025
Ω
Forward Transconductance
gFS
VDS=-15V, ID=-20A
80
S(1/Ω)
DYNAMIC PARAMETERS
Input Capacitance
CISS
11100
pF
Output Capacitance
COSS
700
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-50V, f=1.0MHz
1700
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
20
30
ns
Rise Time
tR
510
855
ns
Turn-OFF Delay Time
tD(OFF)
145
220
ns
Fall-Time
tF
VDD=-50V, VGS=-10V, ID=-50A, RG=1Ω
870
1300
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IF=-20A, VGS=0V, Pulse test, t≤300μs,
duty cycle d≤2%
-1.0
-1.5
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=-20A, VR=-50V,
di/dt=-100A/µs
80
120
ns
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com