Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM109D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM109D
Description  DUAL COMPARATOR AND VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM109D Datasheet(HTML) 4 Page - STMicroelectronics

  TSM109D Datasheet HTML 1Page - STMicroelectronics TSM109D Datasheet HTML 2Page - STMicroelectronics TSM109D Datasheet HTML 3Page - STMicroelectronics TSM109D Datasheet HTML 4Page - STMicroelectronics TSM109D Datasheet HTML 5Page - STMicroelectronics TSM109D Datasheet HTML 6Page - STMicroelectronics TSM109D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TSM109/A
4/7
COMPARATOR (comparator with inverting input connected to the internal Vref))
VCC+ = +5V, VCC
-= GND, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
TSM109
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage - note 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
At output switch point, Vo ≈ 1.4V, Rs = 0 with VCC
+ from 5V to 30V, and over the full common-mode range (0V to V
CC
+ -1.5V).
15
9
mV
Iib
Input Bias Current for positive input note 2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output, so no loading charge exists on the reference of input lines.
25
250
400
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 15kΩ, Vo = 1V to 11V
50
200
V/mV
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High Level Output Current (Vid = 1V)
VCC = Vo = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
150
1
nA
µA
Isink
Output Sink Currrent
Vid= 1V, Vo = 1.5V
10
20
mA
tre
Response Time - note 3)
RL= 5.1kΩ connected to VCC
+
3.
The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be obtained.
1.3
µs
trel
Large Signal Response Time
RL= 5.1kΩ connected to VCC
+, e
l = TTL,
V(ref) = +1.4v
300
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com