Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM109D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM109D
Description  DUAL COMPARATOR AND VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM109D Datasheet(HTML) 1 Page - STMicroelectronics

  TSM109D Datasheet HTML 1Page - STMicroelectronics TSM109D Datasheet HTML 2Page - STMicroelectronics TSM109D Datasheet HTML 3Page - STMicroelectronics TSM109D Datasheet HTML 4Page - STMicroelectronics TSM109D Datasheet HTML 5Page - STMicroelectronics TSM109D Datasheet HTML 6Page - STMicroelectronics TSM109D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
COMPARATOR
s LOW SUPPLY CURRENT (1.1mA) INDE-
PENDENT OF SUPPLY VOLTAGE
s LOW INPUT BIAS CURRENT : 25nA TYP
s LOW INPUT OFFSET VOLTAGE : ±1mV TYP
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
s LOW OUTPUT SATURATION VOLTAGE :
250mV TYP; (Io = 4mA)
s DIFFERENTIAL INPUT VOLTAGE RANGE
EQUAL TO THE SUPPLY VOLTAGE
s WIDE POWER SUPPLY RANGE : ±1V to
±18V
s ESD PROTECTION : 1.5kV
VOLTAGE REFERENCE
s Fixed V
ref to 2.5V
s 0.4% AND 1% VOLTAGE PRECISION
s SINK CURRENT CAPABILITY : 1 to 100mA
DESCRIPTION
The TSM109 is a monolithic IC that includes two
comparators and a shunt voltage reference. This
device offers space and cost savings in many ap-
plications including power supply management or
data acquisition systems.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
ND
TSM109
-40°C, +105°C
••
TSM109A
-40°C, +105°C
••
D
SO8
N
DIP8
1
2
3
4
5
6
7
8
Gnd
Ve+
Ve+
Ve-
Out
Vcc
Vref
Out
TSM109/A
DUAL COMPARATOR AND VOLTAGE REFERENCE
November 2002


Similar Part No. - TSM109D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
More results

Similar Description - TSM109D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
89Kb / 4P
Comparator and Reference Circuits
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Linear Technology
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Analog Devices
ADCMP361 AD-ADCMP361_15 Datasheet
296Kb / 12P
Comparator and Reference with Dual Polarity Outputs
REV. B
logo
Linear Technology
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com