Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2123TS Datasheet HTML 1Page - NXP Semiconductors PCF2123TS Datasheet HTML 2Page - NXP Semiconductors PCF2123TS Datasheet HTML 3Page - NXP Semiconductors PCF2123TS Datasheet HTML 4Page - NXP Semiconductors PCF2123TS Datasheet HTML 5Page - NXP Semiconductors PCF2123TS Datasheet HTML 6Page - NXP Semiconductors PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
2 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
4.
Ordering information
[1]
Sawn wafer on Film Frame Carrier (FFC); 200
µm thickness.
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2123TS
TSSOP14
plastic thin shrink small outline package;
14 leads; body width 4.4 mm
SOT402-1
PCF2123BS
HVQFN16
plastic thermal enhanced very thin quad flat
package; no leads; 16 terminals;
body 3
× 3 × 0.85 mm
SOT758-1
PCF2123U
PCF2123U/10 wire bond die; 12 bonding pads;
1.492
× 1.449 × 0.20 mm[1]
PCF2123U/10
Table 2.
Marking codes
Type number
Marking code
PCF2123TS
PCF2123
PCF2123BS
123
PCF2123U
PC2123-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com