Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 35Page - NXP Semiconductors PCF2123TS Datasheet HTML 36Page - NXP Semiconductors PCF2123TS Datasheet HTML 37Page - NXP Semiconductors PCF2123TS Datasheet HTML 38Page - NXP Semiconductors PCF2123TS Datasheet HTML 39Page - NXP Semiconductors PCF2123TS Datasheet HTML 40Page - NXP Semiconductors PCF2123TS Datasheet HTML 41Page - NXP Semiconductors PCF2123TS Datasheet HTML 42Page - NXP Semiconductors PCF2123TS Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
39 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
11. Static characteristics
Table 44.
Static characteristics
VDD = 1.1 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs =15kΩ; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
for clock data integrity;
SPI-bus inactive
[1] 1.1
-
5.5
V
Tamb =25 °C
-
0.9
-
V
SPI-bus active
1.6
-
5.5
V
IDD
supply current
SPI-bus active
fSCL = 4.5 MHz;
VDD =5V
-
250
400
µA
fSCL = 1.0 MHz;
VDD =3V
-30
80
µA
SPI-bus inactive;
CLKOUT disabled
[2]
Tamb =25 °C;
VDD = 2.0 V
-
100
-
nA
Tamb =25 °C;
VDD = 3.0 V
-
110
-
nA
Tamb =25 °C;
VDD = 5.0 V
-
120
-
nA
SPI-bus inactive;
CLKOUT disabled;
Tamb = −40 °C to +85 °C
[2]
VDD = 2.0 V
-
-
330
nA
VDD = 3.0 V
-
-
350
nA
VDD = 5.0 V
-
-
380
nA
SPI-bus inactive;
CLKOUT enabled at 32 kHz;
Tamb =25 °C
VDD = 2.0 V
-
260
-
nA
VDD = 3.0 V
-
340
-
nA
VDD = 5.0 V
-
520
-
nA
SPI-bus inactive;
CLKOUT enabled at 32 kHz;
Tamb = −40 °C to +85 °C
VDD = 2.0 V
-
-
450
nA
VDD = 3.0 V
-
-
550
nA
VDD = 5.0 V
-
-
750
nA
Inputs
VIL
LOW-level input voltage
-
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
--V
VI
input voltage
on pins CE, SDI, SCL, OSCI,
CLKOE, CLKOUT
−0.5
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com