Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8599 Datasheet HTML 1Page - NXP Semiconductors TDF8599 Datasheet HTML 2Page - NXP Semiconductors TDF8599 Datasheet HTML 3Page - NXP Semiconductors TDF8599 Datasheet HTML 4Page - NXP Semiconductors TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
2 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
I I2C-bus mode:
N DC load detection
N AC load detection
N Thermal pre-warning diagnostic level setting
N Identification of activated protections or warnings
N Selectable diagnostic information available using pin DIAG
I Qualified in accordance with AEC-Q100
3.
Applications
I Car audio applications
4.
Quick reference data
[1]
Output power is measured indirectly based on RDSon measurement.
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General; Vp = 14.4 V
VP
supply voltage
8
14.4
18
V
Istb
standby current
voltage on pin EN < 0.8 V
-
-
10
µA
Iq(tot)
total quiescent current
Operating mode; no load, snubbers and
filter connected
-
90
120
mA
Dual BTL channel; Vp = 14.4 V
Po
output power
Stereo mode;
THD = 1 %; RL =4 Ω
[1] 18
20
-
W
THD = 10 %; RL =4 Ω
24
26
-
W
square wave (EIAJ); RL =4 Ω
-40
-
W
THD = 1 %; RL =2 Ω
29
32
-
W
THD = 10 %; RL =2 Ω
39
43
-
W
square wave (EIAJ); RL =2 Ω
-70
-
W
Parallel mode
THD = 10 %; RL =1 Ω
[1] -85
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDF8599TH
HSOP36
plastic, heatsink small outline package; 36 leads; low stand-off height
SOT851-2
TDF8599TD
HSOP36
plastic, heatsink small outline package; 36 leads; low stand-off height
SOT938-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com