Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 35Page - NXP Semiconductors TDF8599 Datasheet HTML 36Page - NXP Semiconductors TDF8599 Datasheet HTML 37Page - NXP Semiconductors TDF8599 Datasheet HTML 38Page - NXP Semiconductors TDF8599 Datasheet HTML 39Page - NXP Semiconductors TDF8599 Datasheet HTML 40Page - NXP Semiconductors TDF8599 Datasheet HTML 41Page - NXP Semiconductors TDF8599 Datasheet HTML 42Page - NXP Semiconductors TDF8599 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
39 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
Vi =1V; Ri =0 Ω.
(1) VP = 14.4 V; RL =2 Ω.
(2) VP = 14.4 V; RL =4 Ω.
Vi =100 mV RMS; Ri =0 Ω.
(1) VP = 14.4 V; RL =2 Ω.
(2) VP = 14.4 V; RL =4 Ω.
Fig 37. CMRR as a function of frequency
Fig 38. Gain as a function of frequency
001aai806
−85
−80
−75
CMRR
(dB)
−90
kHz
10−2
102
10
10−1
1
(2)
(1)
001aai807
−0.2
0.2
−0.6
0.6
1.0
−0.4
0
−0.8
0.4
0.8
A
(dBr)
−1.0
Hz
10
105
104
102
103
(2)
(1)
(1) VP = 14.4 V; RL =2 Ω at 1 kHz.
(2) VP = 14.4 V; RL =4 Ω at 1 kHz.
(1) VP = 14.4 V; RL =2 Ω at 1 kHz.
(2) VP = 14.4 V; RL =4 Ω at 1 kHz.
Fig 39. Efficiency as a function of Po
Fig 40. Power dissipation as a function of total output
power
001aai808
Po (W)
060
40
20
50
30
10
40
60
20
80
100
n
(%)
0
(2)
(1)
001aai809
Po (W)
060
40
20
8
12
4
16
20
PD
(W)
0
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com