Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN685 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN685
Description  SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN685 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN685 Datasheet HTML 1Page - STMicroelectronics TYN685 Datasheet HTML 2Page - STMicroelectronics TYN685 Datasheet HTML 3Page - STMicroelectronics TYN685 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TYN 682 ---> TYN 692
March 1995
SCR
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc = 105
°C20
A
IT(AV)
Average on-state current
(180
° conduction angle, single phase circuit)
Tc = 105
°C13
A
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 8.3 ms
260
A
tp = 10 ms
250
I2tI2t value
tp = 10 ms
310
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 100 mA diG/dt = 1 A/µs
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
TO220AB
(Plastic)
K
A
G
.
HIGH SURGE CAPABILITY
.
HIGH ON-STATE CURRENT
.
HIGH STABILITY AND RELIABILITY
DESCRIPTION
Symbol
Parameter
TYN
Unit
682
683
685
688
690
692
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
50
100
200
400
600
800
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The TYN 682 ---> TYN 692 Family Silicon Control-
led Rectifiers are high performance glass passi-
vated chips technology.
This general purpose Family Silicon Controlled
Rectifiers is designed for power supply up to
400Hz on resistive or inductive load.
1/4


Similar Part No. - TYN685

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN60 STMICROELECTRONICS-TYN60 Datasheet
193Kb / 4P
THYRISTORS
TYN60012 STMICROELECTRONICS-TYN60012 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYN60012T STMICROELECTRONICS-TYN60012T Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYN604 STMICROELECTRONICS-TYN604 Datasheet
247Kb / 4P
Silicon controlled rectifiers
TYN604 STMICROELECTRONICS-TYN604 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
More results

Similar Description - TYN685

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
WeEn Semiconductors
BT145-800RT WEEN-BT145-800RT Datasheet
361Kb / 11P
SCR
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
SCR
BT151-800C WEEN-BT151-800C Datasheet
216Kb / 12P
SCR
BT151S-500L WEEN-BT151S-500L Datasheet
273Kb / 12P
SCR
BT151S-650S WEEN-BT151S-650S Datasheet
261Kb / 12P
SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com