Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
DS680F1
49
CS42L52
5/13/08
6.8.2
PGA Input Mapping
Selects one or sums/mixes the analog input signal into the PGA. Each bit of the PGAx_SEL[5:1] word
corresponds to individual channels (i.e. PGAx_SEL1 selects AIN1x, PGAx_SEL2 selects AIN2x, etc.).
6.9
Analog & HPF Control (Address 0Ah)
6.9.1
ADCx High-Pass Filter
Configures the internal high-pass filter after ADCx.
6.9.2
ADCx High-Pass Filter Freeze
Configures the high pass filter’s digital DC subtraction and/or calibration after ADCx.
6.9.3
Ch. x Analog Soft Ramp
Configures an incremental volume ramp from the current level to the new level at the specified rate.
6.9.4
Ch. x Analog Zero Cross
Configures when the signal level changes occur for the analog volume controls.
Note:
If the signal does not encounter a zero crossing, the requested volume change will occur after a
timeout period of 1024 sample periods (approximately 10.7 ms at 48 kHz sample rate).
PGAxSEL[5:1]
Selected Input to PGAx
(Examples)
00000
No inputs selected
00001
AIN1x
00010
AIN2x
00100
AIN3x
01000
AIN4x
10000
MICx;
for single-ended MIC inputs, use MICxSEL (“MIC x Select” on page 55) to select MIC 1 or MIC 2; for
differential MIC inputs, enable MICxCFG (“MICx Configuration” on page 55)
10001
MICx + AIN1x
10011
MICx + AIN1x + AIN2x
Application:
“Analog Inputs” on page 26
Note: Table does not show all possible combinations.
7
6
5
432
10
HPFB
HPFRZB
HPFA
HPFRZA
ANLGSFTB
ANLGZCB
ANLGSFTA
ANLGZCA
HPFx
High Pass Filter Status
0
Disabled
1
Enabled
HPFRZx
High Pass Filter Digital Subtraction
0
Continuous DC Subtraction
1
Frozen DC Subtraction
ANLGSFTx
Volume Changes
Affected Analog Volume Controls
0
Do not occur with a soft ramp
MICxGAIN[4:0] (“MICx Gain” on page 55), PGAxVOL[5:0] (“PGAx Volume”
on page 56), and PASSxVOL[7:0] (“Passthrough x Volume” on page 57)
1
Occur with a soft ramp
Ramp Rate:
1/2 dB every 16 LRCK cycles
ANLGZCx
Volume Changes
Affected Analog Volume Controls
0
Do not occur on a zero cross-
ing
MICxGAIN[4:0] (“MICx Gain” on page 55), PGAxVOL[5:0] (“PGAx Volume”
on page 56), and PASSxVOL[7:0] (“Passthrough x Volume” on page 57)
1
Occur on a zero crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com