Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic CS42L52 Datasheet HTML 21Page - Cirrus Logic CS42L52 Datasheet HTML 22Page - Cirrus Logic CS42L52 Datasheet HTML 23Page - Cirrus Logic CS42L52 Datasheet HTML 24Page - Cirrus Logic CS42L52 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
DS680F1
21
CS42L52
5/13/08
SWITCHING SPECIFICATIONS - SERIAL PORT
Inputs: Logic 0 = DGND, Logic 1 = VL, SDOUT CLOAD = 15 pF.
14. After powering up the CS42L52, RESET should be held low after the power supplies and clocks are
settled.
15. See “Example System Clock Frequencies” on page 76 for typical MCLK frequencies.
Parameters
Symbol
Min
Max
Units
RESET pin Low Pulse Width
(Note 14)
1-
ms
MCLK Frequency (Note 15)
(See “Serial Port Clock-
ing” on page 34)
MHz
MCLK Duty Cycle
45
55
%
Slave Mode
Input Sample Rate (LRCK)
Fs
(See “Serial Port Clock-
ing” on page 34)
kHz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Setup Time Before SCLK Rising Edge
ts(LK-SK)
40
-
ns
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-52
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
20
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
Master Mode
Output Sample Rate (LRCK)
All Speed Modes
Fs
(See “Serial Port Clock-
ing” on page 34)
Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
SCLK=MCLK mode
1/tP
-
12.0000
MHz
MCLK=12.0000 MHz
1/tP
-
68•Fs
Hz
all other modes
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-52
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
20
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
th(SK-SDO)
//
//
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB
MSB-1
MSB-1
LRCK
SCLK
SDOUT
SDIN
td(MSB)
ts(LK-SK)
tP
th
ts(SDO-SK)
Figure 3. Serial Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com