Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3012
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012 Datasheet(HTML) 5 Page - Cirrus Logic

  CS3012 Datasheet HTML 1Page - Cirrus Logic CS3012 Datasheet HTML 2Page - Cirrus Logic CS3012 Datasheet HTML 3Page - Cirrus Logic CS3012 Datasheet HTML 4Page - Cirrus Logic CS3012 Datasheet HTML 5Page - Cirrus Logic CS3012 Datasheet HTML 6Page - Cirrus Logic CS3012 Datasheet HTML 7Page - Cirrus Logic CS3012 Datasheet HTML 8Page - Cirrus Logic CS3012 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CS3011
CS3012
DS597F5
5
Typical Performance Plots (Cont.)
0.5
0.6
0.7
0.8
0.9
1
234
567
Supply Voltage (V)
Figure 7. Supply Current vs. Voltage, 3011
1
1.1
1.2
1.3
1.4
1.5
234
567
Supply Voltage (V)
Figure 8. Supply Current vs. Voltage, 3012
Figure 9. Open Loop Gain and Phase vs Frequency
100 K
-500
-400
-300
-200
-100
0
100
200
300
400
500
1
10
100
1000
10000 100000 100000
0
1E+07
Frequency (Hz)
1
10
100
1 K
10 K
1 M
10 M
Frequency (Hz)
100 K
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com