Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3012
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3012 Datasheet HTML 8Page - Cirrus Logic CS3012 Datasheet HTML 9Page - Cirrus Logic CS3012 Datasheet HTML 10Page - Cirrus Logic CS3012 Datasheet HTML 11Page - Cirrus Logic CS3012 Datasheet HTML 12Page - Cirrus Logic CS3012 Datasheet HTML 13Page - Cirrus Logic CS3012 Datasheet HTML 14Page - Cirrus Logic CS3012 Datasheet HTML 15Page - Cirrus Logic CS3012 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CS3011
CS3012
12
DS597F5
The loop gain plot shown in Figure 17 illustrates
the unity gain configuration, and indicates how this
is modified when using the amplifier in a higher
gain configuration with compensation. If it is config-
ured for higher gain, for example, 60 dB, the x–axis
will move up by 60 dB (line B). Capacitor C2 adds
a zero and a pole. The modified plot indicates the
effects of introducing the pole and zero due to ca-
pacitor C2. The pole can be located at any fre-
quency higher than the hand-over frequency, the
zero has to be at a frequency lower than the hand-
over frequency so as to provide adequate gain
margin. The separation between the pole and the
zero is governed by the closed loop gain. The zero
(z1) occurs at the intersection of the –100 dB/de-
cade and –80 dB/decade slopes. The point X in the
figure should be at closed loop gain plus 20 dB
gain margin. The value for C2 = 1/(2
πR1p1). Us-
ing p1 = 500 kHz works very well and is indepen-
dent of gain. As the closed loop gain is changed,
the zero location is also modified if R1 remains
fixed. Capacitor C2 can be increased in value to
limit the amplifier’s rising noise above 1 kHz.
-100 dB/dec
-80 dB/dec
z
1
p
1
Margin
-20 dB/dec
50kHz
1MHz
5MHz
Desired Closed
Loop Gain
X
FREQUENCY
B
Figure 17. Loop Gain Plot: Unity Gain and with Pole-Zero Compensation
2.4 MHz
25 kHz
500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com