Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 9Page - Cirrus Logic CS4412A Datasheet HTML 10Page - Cirrus Logic CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS786A2
13
CS4412A
4. APPLICATIONS
4.1
Overview
The CS4412A is a high-efficiency power stage for digital Class-D amplifiers designed to be configured as
four half-bridge channels, two half-bridge channels and one full-bridge channel, two full-bridge channels, or
one parallel full-bridge channel.
The CS4412A integrates on-chip over-current, under-voltage, over-temperature protection and error report-
ing as well as a thermal warning indicator. The low RDS(ON) outputs can source up to 2.5 A peak current,
delivering 85% efficiency. This efficiency provides for a smaller device package, smaller power supplies,
and no external heat sink.
4.2
Reset and Power-Up
Reliable power-up can be accomplished by keeping the device in reset until the power supplies and config-
uration pins are stable. It is also recommended that the RST12 and RST34 pins be activated if the voltage
supplies drop below the recommended operating condition to prevent power-glitch related issues.
When the RST12 or RST34 are low, the corresponding channels of the CS4412A enter a low-power mode.
All of the channels’ internal states are reset, and the corresponding power output pins are held in a high-
impedance state. When RST12 or RST34 are high, the corresponding outputs begin normal operation ac-
cording to the RAMP, CNFG[2:0], and IN1 - IN4 pins.
4.2.1
PWM Popguard Transient Control
The CS4412A uses PWM Popguard technology to minimize the effects of output transients during power-
up and power-down for half-bridge configurations. This technique reduces the audio transients commonly
produced by half-bridge, single-supply amplifiers when implemented with external DC-blocking capacitors
connected in series with the audio outputs.
WARNING: The Popguard feature can not be used for the CS4412A in applications where VP exceeds 12 V. Doing
so could result in permanent damage to the CS4412A. The RAMP pin must always be tied low in ap-
plications where VP exceeds 12 V.
When the device is configured for ramping (RAMP set high) and RST12 or RST34 is set high, the corre-
sponding power outputs will ramp-up to the bias point (VP/2). This gradual voltage ramping allows time
for the external DC-blocking capacitor to charge to the quiescent voltage, minimizing the power-up tran-
sient. The corresponding outputs will not begin normal operation until the ramp has reached the bias point.
The time it takes to complete a ramp-up sequence will vary slightly from the applied VP voltage; typical
ramp-up speeds achieved with a 1000
µF DC blocking capacitor are listed in Table 2. These times scale
with the value of the capacitor.
VP Voltage
Typical Ramp Time*
8 V
2.20 seconds
12 V
1.25 seconds
* With 1000
µF DC Blocking Capacitor.
Table 2. Typical Ramp Times for Typical VP Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com