Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic CS4412A Datasheet HTML 20Page - Cirrus Logic CS4412A Datasheet HTML 21Page - Cirrus Logic CS4412A Datasheet HTML 22Page - Cirrus Logic CS4412A Datasheet HTML 23Page - Cirrus Logic CS4412A Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DS786A2
21
CS4412A
6. PARAMETER DEFINITIONS
Dynamic Range (DYR)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
bandwidth, typically 20 Hz to 20 kHz. Dynamic Range is a signal-to-noise ratio measurement over the spec-
ified band width made with a -60 dBFS signal; then, 60 dB is added to the resulting measurement to refer
the measurement to full-scale. This technique ensures that the distortion components are below the noise
level and do not effect the measurement. This measurement technique has been accepted by the Audio
Engineering Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307. Ex-
pressed in decibels.
Total Harmonic Distortion + Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
band width (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Measured
at -1 and -20 dBFS as suggested in AES17-1991 Annex A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com