Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5340 Datasheet HTML 7Page - Cirrus Logic CS5340 Datasheet HTML 8Page - Cirrus Logic CS5340 Datasheet HTML 9Page - Cirrus Logic CS5340 Datasheet HTML 10Page - Cirrus Logic CS5340 Datasheet HTML 11Page - Cirrus Logic CS5340 Datasheet HTML 12Page - Cirrus Logic CS5340 Datasheet HTML 13Page - Cirrus Logic CS5340 Datasheet HTML 14Page - Cirrus Logic CS5340 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS601F2
11
CS5340
Confidential Draft
3/11/08
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT
(Logic "0" = GND = 0 V; Logic "1" = VL, CL = 20 pF)
11. For a description of speed modes, please refer to Table on page 15.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Specifications
MCLK Period
tclkw
39
-
45
ns
78
-
1953
ns
MCLK Pulse Duty Cycle
40
-
60
%
Master Mode
SCLK falling to LRCK
Single-Speed
tmslr
-20
-
20
ns
Double-Speed
-20
-
20
ns
Quad-Speed
-8
-
8
ns
SCLK falling to SDOUT valid.
tsdo
-
-
32
ns
SCLK Duty Cycle.
Single-Speed
-
50
-
%
Double-Speed
-50-
%
Quad-Speed
-33-
%
Slave Mode
Single-Speed (Note 11)
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
156
-
-
ns
SCLK Duty Cycle
45
50
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Double-Speed (Note 11)
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
156
-
-
ns
SCLK Duty Cycle
45
50
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge.
tslrd
-20
-
20
ns
Quad-Speed (Note 11)
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
78
-
-
ns
SCLK Duty Cycle
29.7
33
50
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK edge.
tslrd
-8
-
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com