Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5340 Datasheet HTML 1Page - Cirrus Logic CS5340 Datasheet HTML 2Page - Cirrus Logic CS5340 Datasheet HTML 3Page - Cirrus Logic CS5340 Datasheet HTML 4Page - Cirrus Logic CS5340 Datasheet HTML 5Page - Cirrus Logic CS5340 Datasheet HTML 6Page - Cirrus Logic CS5340 Datasheet HTML 7Page - Cirrus Logic CS5340 Datasheet HTML 8Page - Cirrus Logic CS5340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
DS601F2
CS5340
Confidential Draft
3/11/08
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 4
SPECIFIED OPERATING CONDITIONS ............................................................................................... 4
ABSOLUTE MAXIMUM RATINGS ......................................................................................................... 4
ANALOG CHARACTERISTICS - COMMERCIAL GRADE .................................................................... 5
ANALOG CHARACTERISTICS - AUTOMOTIVE GRADE ..................................................................... 6
DIGITAL FILTER CHARACTERISTICS .................................................................................................7
DC ELECTRICAL CHARACTERISTICS .............................................................................................. 10
DIGITAL CHARACTERISTICS ............................................................................................................. 10
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT ............................................................... 11
2. PIN DESCRIPTION .............................................................................................................................. 13
3. TYPICAL CONNECTION DIAGRAM ................................................................................................... 14
4. APPLICATIONS ................................................................................................................................... 15
4.1 Single-, Double-, and Quad-Speed Modes .....................................................................................15
4.2 Operation as Either a Clock Master or Slave ................................................................................. 15
4.2.1 Operation as a Clock Master ................................................................................................. 16
4.2.2 Operation as a Clock Slave with Auto-Detect ....................................................................... 16
4.2.3 Master Clock ......................................................................................................................... 17
4.3 Serial Audio Interface ..................................................................................................................... 17
4.4 Power-Up Sequence ...................................................................................................................... 18
4.5 Analog Connections ....................................................................................................................... 18
4.6 Grounding and Power Supply Decoupling ......................................................................................18
4.7 Synchronization of Multiple Devices ............................................................................................... 18
4.8 Capacitor Size on the Reference Pin (FILT+) ................................................................................19
5. PARAMETER DEFINITIONS ................................................................................................................ 20
6. PACKAGE DIMENSIONS ................................................................................................................... 21
THERMAL CHARACTERISTICS .......................................................................................................... 21
7. ORDERING INFORMATION ................................................................................................................ 22
8. REVISION HISTORY ............................................................................................................................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com