Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 50Page - Cirrus Logic CS5378 Datasheet HTML 51Page - Cirrus Logic CS5378 Datasheet HTML 52Page - Cirrus Logic CS5378 Datasheet HTML 53Page - Cirrus Logic CS5378 Datasheet HTML 54Page - Cirrus Logic CS5378 Datasheet HTML 55Page - Cirrus Logic CS5378 Datasheet HTML 56Page - Cirrus Logic CS5378 Datasheet HTML 57Page - Cirrus Logic CS5378 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
CS5378
DS639F2
54
IIR1 – Single stage, no decimation
1
st
order no decimation, 3 coefficients
Coefficient set 0: high-pass, corner 0.15% fs (3 Hz at 2000 SPS)
Coefficient set 1: high-pass, corner 0.30% fs (3 Hz at 1000 SPS)
Coefficient set 2: high-pass, corner 0.60% fs (3 Hz at 500 SPS)
Coefficient set 3: high-pass, corner 0.90% fs (3 Hz at 333 SPS)
Coefficient set 4: high-pass, corner 1.20% fs (3 Hz at 250 SPS)
IIR2 – Single stage, no decimation
2
nd
order no decimation, 5 coefficients
Coefficient set 0: high-pass, corner 0.15% fs (3 Hz at 2000 SPS)
Coefficient set 1: high-pass, corner 0.30% fs (3 Hz at 1000 SPS)
Coefficient set 2: high-pass, corner 0.60% fs (3 Hz at 500 SPS)
Coefficient set 3: high-pass, corner 0.90% fs (3 Hz at 333 SPS)
Coefficient set 4: high-pass, corner 1.20% fs (3 Hz at 250 SPS)
IIR3 – Two stage, no decimation
3
rd
order no decimation, 8 coefficients
(Combined IIR1 and IIR2 filter responses)
Coefficient set 0,0: high-pass, corner 0.20% fs (4 Hz at 2000 SPS)
Coefficient set 1,1: high-pass, corner 0.41% fs (4 Hz at 1000 SPS)
Coefficient set 2,2: high-pass, corner 0.82% fs (4 Hz at 500 SPS)
Coefficient set 3,3: high-pass, corner 1.22% fs (4 Hz at 333 SPS)
Coefficient set 4,4: high-pass, corner 1.63% fs (4 Hz at 250 SPS)
Figure 31. IIR Filter Stages
IIR filters
IIR1 Coeff
Selection
IIR1
Corner
Frequency
IIR2 Coeff
Selection
IIR2
Corner
Frequency
IIR3 Coeff
Selection
IIR3
Corner
Frequency
0
0.15% fs
0
0.15% fs
0,0
0.2041% fs
1
0.30% fs
1
0.30% fs
1,1
0.4074% fs
2
0.60% fs
2
0.60% fs
2,2
0.8152% fs
3
0.90% fs
3
0.90% fs
3,3
1.2222% fs
4
1.20% fs
4
1.20% fs
4,4
1.6293% fs
Table 16. IIR Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com