Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 51Page - Cirrus Logic CS5378 Datasheet HTML 52Page - Cirrus Logic CS5378 Datasheet HTML 53Page - Cirrus Logic CS5378 Datasheet HTML 54Page - Cirrus Logic CS5378 Datasheet HTML 55Page - Cirrus Logic CS5378 Datasheet HTML 56Page - Cirrus Logic CS5378 Datasheet HTML 57Page - Cirrus Logic CS5378 Datasheet HTML 58Page - Cirrus Logic CS5378 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
CS5378
DS639F2
55
Filter Type
System Function
Filter Coefficients
(normalized 24-bit)
IIR1 (Coefficient set 0)
1
st
order, high pass
Corner at 0.15% f
s
3 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
−
−
1
11
1
11
10
1
)
(
z
a
z
b
b
z
H
a
11
= -8309916
b
10
= 8349262
b
11
= -8349262
IIR1 (Coefficient set 1)
1
st
order, high pass
Corner at 0.30% f
s
3 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
−
−
1
11
1
11
10
1
)
(
z
a
z
b
b
z
H
a
11
= -8231957
b
10
= 8310282
b
11
= -8310282
IIR1 (Coefficient set 2)
1
st
order, high pass
Corner at 0.60% f
s
3 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
−
−
1
11
1
11
10
1
)
(
z
a
z
b
b
z
H
a
11
= -8078179
b
10
= 8233393
b
11
= -8233393
IIR1 (Coefficient set 3)
1
st
order, high pass
Corner at 0.90% f
s
3 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
−
−
1
11
1
11
10
1
)
(
z
a
z
b
b
z
H
a
11
= -7927166
b
10
= 8157887
b
11
= -8157887
IIR1 (Coefficient set 4)
1
st
order, high pass
Corner at 1.20% f
s
3 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
−
−
1
11
1
11
10
1
)
(
z
a
z
b
b
z
H
a
11
= -7778820
b
10
= 8083714
b
11
= -8083714
Filter Type
System Function
Filter Coefficients
(normalized 24-bit)
IIR2 (Coefficient set 0)
2
nd
order, high pass
Corner at 0.15% f
s
5 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
−
−
−
−
1
22
1
21
1
22
1
21
20
1
)
(
z
a
z
a
z
b
z
b
b
z
H
a
21
= -8332704
a
22
= 4138771
b
20
= 4166445
b
21
= -8332890
b
22
= 4166445
IIR2 (Coefficient set 1)
2
nd
order, high pass
Corner at 0.30% f
s
5 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
−
−
−
−
1
22
1
21
1
22
1
21
20
1
)
(
z
a
z
a
z
b
z
b
b
z
H
a
21
= -8276806
a
22
= 4083972
b
20
= 4138770
b
21
= -8277540
b
22
= 4138770
IIR2 (Coefficient set 2)
2
nd
order, high pass
Corner at 0.60% f
s
5 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
−
−
−
−
1
22
1
21
1
22
1
21
20
1
)
(
z
a
z
a
z
b
z
b
b
z
H
a
21
= -8165041
a
22
= 3976543
b
20
= 4083972
b
21
= -8167944
b
22
= 4083972
IIR2 (Coefficient set 3)
2
nd
Order, high pass
Corner at 0.90% f
s
5 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
−
−
−
−
1
22
1
21
1
22
1
21
20
1
)
(
z
a
z
a
z
b
z
b
b
z
H
a
21
= -8053350
a
22
= 3871939
b
20
= 4029898
b
21
= -8059796
b
22
= 4029898
IIR2 (Coefficient set 4)
2
nd
order, high pass
Corner at 1.20% f
s
5 coefficients
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
−
−
−
−
1
22
1
21
1
22
1
21
20
1
)
(
z
a
z
a
z
b
z
b
b
z
H
a
21
= -7941764
a
22
= 3770088
b
20
= 3976539
b
21
= -7953078
b
22
= 3976539
Table 17. IIR Filter Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com