Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2842 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UC2842
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2842 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UC2842 Datasheet HTML 3Page - STMicroelectronics UC2842 Datasheet HTML 4Page - STMicroelectronics UC2842 Datasheet HTML 5Page - STMicroelectronics UC2842 Datasheet HTML 6Page - STMicroelectronics UC2842 Datasheet HTML 7Page - STMicroelectronics UC2842 Datasheet HTML 8Page - STMicroelectronics UC2842 Datasheet HTML 9Page - STMicroelectronics UC2842 Datasheet HTML 10Page - STMicroelectronics UC2842 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 9 : Open Loop Test Circuit.
High peak currents associatedwith capacitive loads
necessitate careful grounding techniques. Timing
and bypass capacitors should be connected close
to pin 5 in a single point ground. The transistor and
5K
Ω potentiometerareusedtosampletheoscillator
waveform and apply an adjustable ramp to pin 3.
Figure 10 : Shutdown Techniques.
Shutdown of the UC2842 can be accomplished by
two methods; either raise pin 3 above 1V or pull pin
1 below a voltage two diode drops above ground.
Either method cause the output of the PWM com-
parator to be high (refer to block diagram). The
PWM latch is reset dominant so that the output will
remain low until the next clock cycle after the shut-
down conditionat pins 1 and/or 3 is removed. In one
example, an externally latched shutdown may be
accomplishedby addingan SCR which will be reset
by cycling Vi belowthe lower UVLOthreshold.At this
point the referenceturns off, allowing the SCR to re-
set.
UC2842/3/4/5-UC3842/3/4/5
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com