Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2842 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UC2842
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2842 Datasheet(HTML) 4 Page - STMicroelectronics

  UC2842 Datasheet HTML 1Page - STMicroelectronics UC2842 Datasheet HTML 2Page - STMicroelectronics UC2842 Datasheet HTML 3Page - STMicroelectronics UC2842 Datasheet HTML 4Page - STMicroelectronics UC2842 Datasheet HTML 5Page - STMicroelectronics UC2842 Datasheet HTML 6Page - STMicroelectronics UC2842 Datasheet HTML 7Page - STMicroelectronics UC2842 Datasheet HTML 8Page - STMicroelectronics UC2842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Notes :
2. These parameters, although guaranteed, are not 100% tested in production.
3. Parameter measured at trip point of latch with VPIN2 =0.
4. Gain defined as :
∆ VPIN1
A=
; 0
≤ VPIN3 ≤ 0.8 V
∆ VPIN3
5. Adjust Vi above the start threshold before setting at 15 V.
6. Output frequency equals oscillator frequency for the UC3842 and UC3843.
Output frequency is one half oscillator frequency for the UC3844 and UC3845.
ELECTRICAL CHARACTERISTICS (continued)
Symbo l
Parameter
T est Cond ition s
UC284X
UC384X
Unit
Min. T yp. Max. Min. T yp. Max.
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
X842/4
15
16
17
14.5
16
17.5
V
X843/5
7.8
8.4
9.0
7.8
8.4
9
V
Min Operating Voltage
After Turn-on
X842/4
9
10
11
8.5
10
11.5
V
X843/5
7.0
7.6
8.2
7.0
7.6
8.2
V
PWM SECTION
Maximum Duty Cycle
X842/3
93
97
100
93
97
100
%
X844/5
46
48
50
47
48
50
%
Minimum Duty Cycle
0
0
%
TOTAL STANDBY CURRENT
Ist
Start-up Current
0.5
1
0.5
1
mA
Ii
Operating Supply Current
VPIN2 =VPIN3 =0V
11
20
11
20
mA
Viz
Zener Voltage
Ii = 25mA
34
34
V
UC2842/3/4/5-UC3842/3/4/5
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com