Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power / Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 3Page - Cirrus Logic CS5467 Datasheet HTML 4Page - Cirrus Logic CS5467 Datasheet HTML 5Page - Cirrus Logic CS5467 Datasheet HTML 6Page - Cirrus Logic CS5467 Datasheet HTML 7Page - Cirrus Logic CS5467 Datasheet HTML 8Page - Cirrus Logic CS5467 Datasheet HTML 9Page - Cirrus Logic CS5467 Datasheet HTML 10Page - Cirrus Logic CS5467 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CS5467
DS714F1
7
3. CHARACTERISTICS & SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
• VA+ = VD+ = 5 V ±5%; AGND = DGND = 0 V; VREFIN = +2.5 V. All voltages with respect to 0 V.
• DCLK = 4.096 MHz.
Notes: 1. Applies when the HPF option is enabled.
2. Applies when the line frequency is equal to the product of the output word rate (OWR) and the value of
Epsilon.
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
5.0
5.25
V
Positive Analog Power Supply
VA+
4.75
5.0
5.25
V
Voltage Reference
VREFIN
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy
Active Power
All Gain Ranges
(Note 1)
Input Range 0.1% - 100%
PACTIVE
-±0.1
-
%
Reactive Power
All Gain Ranges
(Note 1 and 2)
Input Range 0.1% - 100%
QAVG
-±0.2
-
%
Power Factor
All Gain Ranges
(Note 1 and 2)
Input Range 1.0% - 100%
Input Range 0.1% - 1.0%
PF
-
-
±0.2
±0.27
-
-
%
%
Current RMS
All Gain Ranges
(Note 1)
Input Range 1.0% - 100%
Input Range 0.1% - 1.0%
IRMS
-
-
±0.1
±0.17
-
-
%
%
%
Voltage RMS
All Gain Ranges
(Note 1)
Input Range 5% - 100%
VRMS
-±0.1
-
%
Analog Inputs (All Inputs)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal
-0.25
-
VA+
V
Analog Inputs (Current Inputs)
Differential Input Range
(Gain = 10)
[(IIN+) – (IIN-)]
(Gain = 50)
IIN
-
-
500
100
-
-
mVP-P
mVP-P
Total Harmonic Distortion
(Gain = 50)
THD
80
94
-
dB
Crosstalk from Voltage input at Full Scale
(50, 60 Hz)
--115
-
dB
Input Capacitance
IC
-
27
-
pF
Effective Input Impedance
EII
30
-
-
k
Ω
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
-
-
22.5
4.5
µVrms
µVrms
Offset Drift (Without the High-pass Filter)
OD
-
4.0
-
µV/°C
Gain Error
(Note 3)
GE
-
±0.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com