Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power / Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 31Page - Cirrus Logic CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic CS5467 Datasheet HTML 36Page - Cirrus Logic CS5467 Datasheet HTML 37Page - Cirrus Logic CS5467 Datasheet HTML 38Page - Cirrus Logic CS5467 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
CS5467
DS714F1
35
8.3.5 Mode Control (Modes) – Address: 16
Default = 0
VFIX
Use internal RMS voltage reference instead of voltage input for average active power.
0 = Use voltage input.
1 = Use internal RMS voltage reference, VFRMS.
E1MODE[1:0]
E1, E2, and E3 alternate output mode (when enabled by E2MODE).
00 = E1, E2 = P1AVG, P2AVG
01 = E1, E2 = S1, S2
10 = E1, E2 = Q1AVG, Q2AVG
11 = E1, E2 = Q1WB, Q2WB
E2MODE[1:0]
E2 Output Mode
00 = Energy Sign
01 = Total Apparent Energy
10 = Not Used
11 = Enable E1MODE
VHPF2:IHPF2
High-pass Filter Enable for Energy Channel 2
00 = No Filter
01 = HPF on Current, PMF on Voltage
10 = HPF on Voltage, PMF on Current
11 = HPF on both Voltage and Current
VHPF1:IHPF1
High-pass Filter Enable for Energy Channel 1
00 = No Filter
01 = HPF on Current, PMF on Voltage
10 = HPF on Voltage, PMF on Current
11 = HPF on both Voltage and Current
E3MODE[1:0]
E3 Output Mode (with E1MODE disabled)
00 = Total Reactive Energy (default)
01 = Power Fail Monitor
10 = Voltage1 Sign
11 = Total Apparent Energy
E3MODE[1:0]
E3 Output Mode (with E1MODE enabled)
00 = Power Fail Monitor
01 = Energy Sign
10 = Not Used
11 = Not Used
POS
Positive Energy Only. Suppresses negative values in P1AVG and P2AVG. If a negative value
is calculated, zero will be stored instead.
AFC
Enables automatic line frequency measurement which sets Epsilon every time a new line
frequency measurement completes. Epsilon is used to control the gain of the 90 degree
phase shift integrator used in quadrature power calculations.
23
22
21
20
19
18
17
16
-
VFIX
-
--
--
-
15
14
13
12
11
10
9
8
-
E1MODE1
E1MODE0
-
-
E2MODE1
E2MODE0
VHPF2
7
654
32
10
IHPF2
VHPF1
IHPF1
-
E3MODE1
E3MODE0
POS
AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com