Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 27Page - Cirrus Logic CS42448 Datasheet HTML 28Page - Cirrus Logic CS42448 Datasheet HTML 29Page - Cirrus Logic CS42448 Datasheet HTML 30Page - Cirrus Logic CS42448 Datasheet HTML 31Page - Cirrus Logic CS42448 Datasheet HTML 32Page - Cirrus Logic CS42448 Datasheet HTML 33Page - Cirrus Logic CS42448 Datasheet HTML 34Page - Cirrus Logic CS42448 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
DS648F3
31
CS42448
4.5
CODEC Digital Interface Formats
The ADC and DAC serial ports support the I²S, Left-Justified, Right-Justified, One-Line Mode (OLM) and
TDM digital interface formats with varying bit depths from 16 to 32 as shown in Figures 15-19. Data is
clocked out of the ADC on the falling edge of SCLK and clocked into the DAC on the rising edge. The serial
bit clock, DAC_SCLK and/or ADC_SCLK, must be synchronously derived from the master clock and be
equal to 256x, 128x, 64x, 48x or 32x Fs, depending on the interface format selected and desired speed
mode. One-Line Mode #1 and One-Line Mode #2 will operate in master or slave mode. Refer to Table 5 for
required clock ratios. The SCLK to sample rate (LRCK) ratios are shown in Tables 5 through 8.
I²S, Left-Justified, Right-Justified
Ratio
SSM
DSM
QSM
MCLK/LRCK
256x, 384x, 512x,
768x, 1024x
128x, 192x, 256x, 384x,
512x
64x, 96x, 128x, 192x,
256x
SCLK/LRCK (Slave Mode)
32x, 48x, 64x
32x, 48x, 64x
32x, 48x, 64x
SCLK/LRCK (Master Mode)
64x
64x
64x
Table 5. I²S, LJ, RJ Clock Ratios
OLM #1
SSM
DSM
QSM
MCLK/LRCK
256x, 384x, 512x,
768x, 1024x
256x, 384x, 512x
N/A
SCLK/LRCK (Slave Mode)
128x
128x
N/A
SCLK/LRCK (Master Mode)
128x
128x
N/A
Table 6. OLM#1 Clock Ratios
OLM #2
SSM
DSM
QSM
MCLK/LRCK
256x, 384x, 512x,
768x, 1024x
256x, 384x, 512x
N/A
SCLK/LRCK (Slave Mode)
256x
256x
N/A
SCLK/LRCK (Master Mode)
256x
256x
N/A
Table 7. OLM#2 Clock Ratios
TDM
SSM
DSM
QSM (DAC only)
MCLK/LRCK
256x, 384x, 512x,
768x, 1024x
256x, 384x, 512x
256x
SCLK/LRCK (Slave Mode)
256X
256X
256X
SCLK/LRCK (Master Mode)
N/A
N/A
N/A
Table 8. TDM Clock Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com