Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 28Page - Cirrus Logic CS42448 Datasheet HTML 29Page - Cirrus Logic CS42448 Datasheet HTML 30Page - Cirrus Logic CS42448 Datasheet HTML 31Page - Cirrus Logic CS42448 Datasheet HTML 32Page - Cirrus Logic CS42448 Datasheet HTML 33Page - Cirrus Logic CS42448 Datasheet HTML 34Page - Cirrus Logic CS42448 Datasheet HTML 35Page - Cirrus Logic CS42448 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
32
DS648F3
CS42448
4.5.1
I²S
4.5.2
Left-Justified
4.5.3
Right-Justified
4.5.4
OLM #1
OLM #1 serial audio interface format operates in Single- or Double-Speed Mode only and will master or
slave ADC/DAC_SCLK at 128 Fs.
ADC/DAC_LRCK
ADC/DAC_SCLK
MS B
LS B
MS B
LS B
AOUT 1, 3, 5 or 7
Left C h an nel
R ig ht C h an n el
ADC_SDOUTx
DAC_SDINx
AOUT 2, 4, 6 or 8
MSB
AIN 1, 3, or 5
AIN 2, 4, or 6
Figure 15. I²S Format
ADC/DAC_LRCK
ADC/DAC_SCLK
MS B
LS B
MS B
LS B
AOUT 1, 3, 5 or 7
L eft C h ann el
Right C h a n n el
ADC_SDOUTx
DAC_SDINx
AOUT 2, 4, 6 or 8
MSB
AIN 1, 3, or 5
AIN 2, 4, or 6
Figure 16. Left Justified Format
ADC/DAC_LRCK
ADC/DAC_SCLK
MS B
LS B
MS B
LS B
AOUT 1, 3, 5 or 7
Left C h a nnel
R ig ht C han nel
ADC_SDOUTx
DAC_SDINx
AOUT 2, 4, 6 or 8
AIN 1, 3, or 5
AIN 2, 4, or 6
Figure 17. Right Justified Format
ADC/DAC_LRCK
ADC/DAC_SCLK
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
20 clks
20 clks
20 clks
20 clks
20 clks
Left Channel
Right Channel
20 clks
AIN1
20 clks
20 clks
20 clks
20 clks
20 clks
ADC_SDOUT1
DAC_SDIN1
20 clks
AOUT7
AOUT1
AOUT3
AOUT5
AOUT2
AOUT4
AOUT6
20 clks
AOUT8
DAC_SDIN4
AIN3
-
AIN2
AIN4
-
Figure 18. One-Line Mode #1 Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com