Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT98SC032CT-USB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT98SC032CT-USB
Description  Secure ASSP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT98SC032CT-USB Datasheet(HTML) 1 Page - ATMEL Corporation

  AT98SC032CT-USB Datasheet HTML 1Page - ATMEL Corporation AT98SC032CT-USB Datasheet HTML 2Page - ATMEL Corporation AT98SC032CT-USB Datasheet HTML 3Page - ATMEL Corporation AT98SC032CT-USB Datasheet HTML 4Page - ATMEL Corporation AT98SC032CT-USB Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Note: This is a summary document. A complete document will be
available under NDA. For more information, please contact your
local Atmel sales office.
Features
General
• Strong Challenge-Response Authentication Using Digital Signature
• Digital Signature (RSA PKCS#1 V2.1, ECDSA)
• Message Authentication Code (3DES MAC, HMAC)
• Encryption (3DES, RSA PKCS#1 V2.1)
• Message Digest (SHA-1, SHA-256)
• Public Key Pair Generation (RSA including CRT, ECC)
• HOTP One-Time Password Generation
• High Speed Hardware Cryptographic Engines
- Hardware 3DES Crypto Accelerator (112-bits keys)
- Hardware 32-bit Public Key Crypto Accelerator (RSA 2048 bits, ECC 384 bits)
- Hardware True Random Number Generator (RNG)
• SecureAVR
TM 8-/16-bit RISC CPU
• Secure Architecture Based on ATMEL secureAVR Microcontroller
- To meet Common Criteria EAL5+ requirements
• Internal 32K Bytes EEPROM (10 years data retention, 500K cycles) with password
protected file system
• USB 2.0 Full Speed Certified
• USB-CCID Compliant (no specific driver required)
• Operating Range: 1.62V to 5.5V, -25°C to +85°C
• Low Power Consumption
• SOIC-8, 44-QFN or 44-LQFP package
Description
Based on ATMEL Smart Card chip design expertise and leadership. The
AT98SC032CT-USB is a fully integrated secure solution (Hardware and
Firmware) designed for computer security applications (e.g. W eb portal
login, PKCS#11 or MS-CAPI, Two-factor authentication, etc.).
This
secure
chip
features
a
“crypto”
application
allowing
strong
authentication,
one-time
password
generation,
digital
signature,
data
encryption, message digest, random number generation and public key
generation.
The
administration
application
allows
the
management
of
contents and configuration of the chip.
Data is permanently stored in a 32 KByte file system which is fully
customizable according to customer application requirements. Folders can
be password protected,, and file access rights can be defined to protect
user sensitive data and restrict access to cryptographic features.
The AT98SC032CT-USB includes a hardware 3DES engine and a 32-bit
crypto accelerator for public-key operations (RSA and Elliptic Curves
algorithms). The chip also features a hardware Random Number Generator
used to generate on-chip public keys and challenges during authentication
process.
Communication with the chip occurs through a USB 2.0 interface running up
to 12 Mbps. Compliance to the USB-CCID ensures an easy interaction with
Linux and W indows applications (no specific driver is required).
State-of-the-art
security
features
embedded
in
ATMEL
Smart
Cards
(dedicated
to
Banking,
ID
and
Pay-TV)
are
also
included
in
the
AT98SC032CT-USB:
power
and
frequency
protection
logic,
logical
scrambling on data and address, power analysis countermeasures and
EEPROM access control.
Secure ASSP
AT98SC032CT-
USB
Summary
6533AS-SMIC-13Oct06


Similar Part No. - AT98SC032CT-USB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT98SC008CT ATMEL-AT98SC008CT Datasheet
1Mb / 18P
High-tech goods counterfeiting
AT98SC016CU ATMEL-AT98SC016CU Datasheet
335Kb / 6P
Secure ASSP
More results

Similar Description - AT98SC032CT-USB

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
logo
Renesas Technology Corp
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
logo
ATMEL Corporation
AT98SC016CU ATMEL-AT98SC016CU Datasheet
335Kb / 6P
Secure ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
IR Receiver ASSP
logo
Renesas Technology Corp
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
logo
ATMEL Corporation
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com