Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C040 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT27C040
Description  4-Megabit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT27C040 Datasheet HTML 6Page - ATMEL Corporation AT27C040 Datasheet HTML 7Page - ATMEL Corporation AT27C040 Datasheet HTML 8Page - ATMEL Corporation AT27C040 Datasheet HTML 9Page - ATMEL Corporation AT27C040 Datasheet HTML 10Page - ATMEL Corporation AT27C040 Datasheet HTML 11Page - ATMEL Corporation AT27C040 Datasheet HTML 12Page - ATMEL Corporation AT27C040 Datasheet HTML 13Page - ATMEL Corporation AT27C040 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
0189H–EPROM–12/07
AT27C040
20. Package Information
20.1
32J – PLCC
DRAWING NO.
REV.
2325 Orchard Parkway
San Jose, CA 95131
R
TITLE
32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC)
B
32J
10/04/01
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
E2
B
e
E1
E
D1
D
D2
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
3.175
–
3.556
A1
1.524
–
2.413
A2
0.381
–
–
D
12.319
–
12.573
D1
11.354
–
11.506
Note 2
D2
9.906
–
10.922
E
14.859
–
15.113
E1
13.894
–
14.046
Note 2
E2
12.471
–
13.487
B
0.660
–
0.813
B1
0.330
–
0.533
e
1.270 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com