Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C040 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT27C040
Description  4-Megabit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT27C040 Datasheet HTML 6Page - ATMEL Corporation AT27C040 Datasheet HTML 7Page - ATMEL Corporation AT27C040 Datasheet HTML 8Page - ATMEL Corporation AT27C040 Datasheet HTML 9Page - ATMEL Corporation AT27C040 Datasheet HTML 10Page - ATMEL Corporation AT27C040 Datasheet HTML 11Page - ATMEL Corporation AT27C040 Datasheet HTML 12Page - ATMEL Corporation AT27C040 Datasheet HTML 13Page - ATMEL Corporation AT27C040 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
0189H–EPROM–12/07
AT27C040
20.3
32T – TSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32T, 32-lead (8 x 20 mm Package) Plastic Thin Small Outline
Package, Type I (TSOP)
B
32T
10/18/01
PIN 1
D1
D
Pin 1 Identifier
b
e
E
A
A1
A2
0º ~ 8º
c
L
GAGE PLANE
SEATING PLANE
L1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MO-142, Variation BD.
2. Dimensions D1 and E do not include mold protrusion. Allowable
protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side.
3. Lead coplanarity is 0.10 mm maximum.
A
–
–
1.20
A1
0.05
–
0.15
A2
0.95
1.00
1.05
D
19.80
20.00
20.20
D1
18.30
18.40
18.50
Note 2
E
7.90
8.00
8.10
Note 2
L
0.50
0.60
0.70
L1
0.25 BASIC
b
0.17
0.22
0.27
c
0.10
–
0.21
e
0.50 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com