Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP400FC Datasheet(PDF) 5 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 5 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP400FCU

MP400FC
P r o d u c t I n n o v a t i o n F r o m
pin #
pin name
Description
21 - 23, 25 V
IN
Input voltage pins for the on board high voltage switch mode power supply.
24
V
BIAS
Input voltage pin for the boost controller circuitry. This pin is typically tied to V
IN
12 – 15
Q2D
Drain node of the SMPS MOSFET switch. An external RC snubber may be connect from this
node to power ground to reduce or eliminate overshoot and ringing at switch turn off, reducing
switching noise on the SMPS.
8
V
B
This is the output of the high voltage SMPS and typically is tied to pin 6, L
FIN. Other loads can
be added to this pin as long as the maximum output power of the SMPS is not exceeded. For
proper operation, an external high voltage, low ESR capacitor must be connected to this pin.
Refer to the paragraph titled “SMPS Output Capacitor”.
6
L
FIN
The high voltage SMPS, VB , is connected to this pin to power the MP400FC amplifier through a
47uH filter inductor. The supply current in to this pin can not exceed 200mA.
4
+V
S
MP400FC amplifier high voltage supply pin. This pin is used for external supply bypass. A high
quality ceramic capacitor of at least 1uF should be used. The high voltage SMPS, V
B, can be
connected directly to this pin, bypassing the 47uH filter inductor.
34
RSET
SMPS voltage set resistor. A resistor is connected from this pin to power ground to set the SMPS
voltage.
26 – 33
PGND
Power ground. SMPS switching circuits are referenced to ground through these pins.
35
AGND
Analog ground for MP400FC amplifier circuits. AGND and PGND are connected at one point on
the MP400FC. Avoid external connects between AGND and PGND.
41
-Vs
This pin is typically connected to AGND. However, an external negative supply voltage can be
connected to this pin.
39
+IN
Amplifier non-inverting input
40
-IN
Amplifier inverting input
1
V
OUT
Amplifier output
2
I
LIM
Amplifier current limit. A current limit resistor must be connected between I
LIM and VOUT. RLIM =
0.7/I
LIM.
36
CR+
+ side compensation capacitor connection one.
37
CC+
+ side compensation capacitor connection two.
38
CR-
- side compensation capacitor connection one.
42
CC-
- side compensation capacitor connection two.
pin Descriptions
external connections
42-Pin DIP
package style Fc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com