Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP400FC Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 2 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

MP400FCU
MP400FC
P r o d u c t I n n o v a t i o n F r o m
parameter
symbol
min
max
units
SUPPLY VOLTAGE, +Vcc to GND
50
V
OUTPUT CURRENT, peak within SOA
200
mA
POWER DISSIPATION, internal, DC, Amplifier
14.2
W
OUTPUT POWER, SMPS
67
W
INPUT VOLTAGE, Differential
-16
16
V
INPUT VOLTAGE, Common Mode
-16
16
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE RANGE, storage
−40
105
°C
OPERATING TEMPERATURE, case
−40
85
°C
1. characteristics anD speciFications
NOTES:
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
absolute maximum ratinGs
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
power dissipation to achieve high MTTF.
parameter
test conditions
min
typ
max
units
ampliFier input
OFFSET VOLTAGE
8
40
mV
OFFSET VOLTAGE vs. temperature
0 to 85°C (Case)
-63
µV/°C
OFFSET VOLTAGE vs. supply
32
µV/V
BIAS CURRENT, initial
(Note 3)
8.5
200
pA
OFFSET CURRENT, initial
12
400
pA
INPUT RESISTANCE, DC
106
Ω
COMMON MODE VOLTAGE RANGE, pos.
+Vs - 2
V
COMMON MODE VOLTAGE RANGE, neg.
-Vs + 5.5
V
COMMON MODE REJECTION, DC
90
118
dB
NOISE
700KHz bandwidth
418mV
µV RMS
ampliFier Gain
OPEN LOOP @ 15Hz
89
120
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
1
MHz
PHASE MARGIN
Full temperature range
50
°
ampliFier output
VOLTAGE SWING
I
O = 10mA
|V
S| - 2
V
VOLTAGE SWING
I
O = 100mA
|V
S| - 8.6
|V
S| - 12
V
VOLTAGE SWING
I
O = 150mA
|V
S| - 10
V
CURRENT, continuous, DC
150
mA
SLEW RATE
100
350
V/µS
speciFications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com