Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3254A Datasheet(PDF) 39 Page - STMicroelectronics

Part # UPSD3254A
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UPSD3254A Datasheet HTML 35Page - STMicroelectronics UPSD3254A Datasheet HTML 36Page - STMicroelectronics UPSD3254A Datasheet HTML 37Page - STMicroelectronics UPSD3254A Datasheet HTML 38Page - STMicroelectronics UPSD3254A Datasheet HTML 39Page - STMicroelectronics UPSD3254A Datasheet HTML 40Page - STMicroelectronics UPSD3254A Datasheet HTML 41Page - STMicroelectronics UPSD3254A Datasheet HTML 42Page - STMicroelectronics UPSD3254A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 175 page
background image
39/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Note: (Register address = csiop address + address offset; where csiop address is defined by user in PSDsoft)
* indicates bit is not used and need to set to '0.'
21
Output
Macrocells BC
22
Mask Macrocells
AB
23
Mask Macrocells
BC
C0
Primary Flash
Protection
Sec7_
Prot
Sec6_
Prot
Sec5_
Prot
Sec4_
Prot
Sec3_
Prot
Sec2_
Prot
Sec1_
Prot
Sec0_
Prot
Bit = 1 sector
is protected
C2
Secondary Flash
Protection
Security
_Bit
**
*
Sec3_
Prot
Sec2_
Prot
Sec1_
Prot
Sec0_
Prot
Security Bit =
1 device is
secured
B0
PMMR0
*
*
PLD
Mcells
clk
PLD
array-
clk
PLD
Turbo
*
APD
enable
*00
Control PLD
power
consumption
B4
PMMR2
*
PLD
array
Ale
PLD
array
Cntl2
PLD
array
Cntl1
PLD
array
Cntl0
**
00
Blocking
inputs to PLD
array
E0
Page
00
Page Register
E2
VM
Periph-
mode
**
FL_
data
Boot_
data
FL_
code
Boot_
code
SR_
code
Configure
8032 Program
and Data
Space
CSIOP
Addr
Offset
Register Name
Bit Register Name
Reset
Value
Comments
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com