Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3254A Datasheet(PDF) 45 Page - STMicroelectronics

Part # UPSD3254A
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UPSD3254A Datasheet HTML 41Page - STMicroelectronics UPSD3254A Datasheet HTML 42Page - STMicroelectronics UPSD3254A Datasheet HTML 43Page - STMicroelectronics UPSD3254A Datasheet HTML 44Page - STMicroelectronics UPSD3254A Datasheet HTML 45Page - STMicroelectronics UPSD3254A Datasheet HTML 46Page - STMicroelectronics UPSD3254A Datasheet HTML 47Page - STMicroelectronics UPSD3254A Datasheet HTML 48Page - STMicroelectronics UPSD3254A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 175 page
background image
45/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
POWER-SAVING MODE
Two software selectable modes of reduced power
consumption are implemented.
Idle Mode
The following Functions are Switched Off.
– CPU (Halted)
The following Function Remain Active During Idle
Mode.
– External Interrupts
– Timer 0, Timer 1, Timer 2
– DDC Interface
–PWM Units
– USB Interface
– USART
–8-bit ADC
–I2C Interface
Note: Interrupt or RESET terminates the Idle
Mode.
Power-Down Mode
– System Clock Halted
– LVD Logic Remains Active
– SRAM contents remains unchanged
– The SFRs retain their value until a RESET is as-
serted
Note: The only way to exit Power-down Mode is a
RESET.
Table 25. Power-Saving Mode Power Consumption
Power Control Register
The Idle and Power-down Modes are activated by software via the PCON register.
Table 26. Pin Status During Idle and Power-down Mode
Table 27. Description of the PCON Bits
Note: 1. See the T2CON register for details of the flag description
Mode
Addr/Data
Ports1,3,4
PWM
I2C
DDC
USB
Idle
Maintain Data
Maintain Data
Active
Active
Active
Active
Power-down
Maintain Data
Maintain Data
Disable
Disable
Disable
Disable
SFR
Addr
Reg
Name
Bit Register Name
Reset
Value
Comments
76
5
4
3
2
1
0
87
PCON
SMOD
SMOD1
LVREN ADSFINT RCLK1
TCLK1
PD
IDLE
00
Power Ctrl
Bit
Symbol
Function
7
SMOD
Double baud data rate bit UART
6
SMOD1
Double baud data rate bit 2nd UART
5
LVREN
LVR disable bit (active High)
4
ADSFINT
Enable ADC Interrupt
3
RCLK1(1)
Received clock flag (UART 2)
2
TCLK1(1)
Transmit clock flag (UART 2)
1
PD
Activate Power-down Mode (High enable)
0
IDL
Activate Idle Mode (High enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com