Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502ASL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1502ASL
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1502ASL Datasheet HTML 17Page - ATMEL Corporation ATF1502ASL Datasheet HTML 18Page - ATMEL Corporation ATF1502ASL Datasheet HTML 19Page - ATMEL Corporation ATF1502ASL Datasheet HTML 20Page - ATMEL Corporation ATF1502ASL Datasheet HTML 21Page - ATMEL Corporation ATF1502ASL Datasheet HTML 22Page - ATMEL Corporation ATF1502ASL Datasheet HTML 23Page - ATMEL Corporation ATF1502ASL Datasheet HTML 24Page - ATMEL Corporation ATF1502ASL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
ATF1502AS(L)
0995K–PLD–6/05
ATF1502AS I/O Pinouts
MC
PLC
44-lead PLCC
44-lead TQFP
1A4
42
2A5
43
3A/PD1
644
4/TDI
A7
1
5A8
2
6A9
3
7A
11
5
8A
12
6
9/TMS
A13
7
10
A
14
8
11
A
16
10
12
A
17
11
13
A
18
12
14
A
19
13
15
A
20
14
16
A
21
15
17
B
41
35
18
B
40
34
19
B
39
33
20/TDO
B38
32
21
B
37
31
22
B
36
30
23
B
34
28
24
B
33
27
25/TCK
B32
26
26
B
31
25
27
B
29
23
28
B
28
22
29
B
27
21
30
B
26
20
31
B
25
19
32
B
24
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com