Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502ASL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1502ASL
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1502ASL Datasheet HTML 1Page - ATMEL Corporation ATF1502ASL Datasheet HTML 2Page - ATMEL Corporation ATF1502ASL Datasheet HTML 3Page - ATMEL Corporation ATF1502ASL Datasheet HTML 4Page - ATMEL Corporation ATF1502ASL Datasheet HTML 5Page - ATMEL Corporation ATF1502ASL Datasheet HTML 6Page - ATMEL Corporation ATF1502ASL Datasheet HTML 7Page - ATMEL Corporation ATF1502ASL Datasheet HTML 8Page - ATMEL Corporation ATF1502ASL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
Features
• High-density, High-performance, Electrically-erasable Complex Programmable
Logic Device
– 32 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 44 Pins
– 7.5 ns Maximum Pin-to-pin Delay
– Registered Operation up to 125 MHz
– Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
– D/T Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
• Advanced Power Management Features
• Automatic 10 µA Standby for “L” Version
• Pin-controlled 1 mA Standby Mode
• Programmable Pin-keeper Inputs and I/Os
• Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-lead PLCC and TQFP
• Advanced EEPROM Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• Security Fuse Feature
• Green (Pb/Halide-fee/RoHS Compliant) Package Options
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• D Latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
(“L” Versions)
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• V
CC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Input Transition Detection
– Power-down (“L” Versions)
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
High-
performance
EEPROM CPLD
ATF1502AS
ATF1502ASL
Rev. 0995K–PLD–6/05


Similar Part No. - ATF1502ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASL-20AC44 ATMEL-ATF1502ASL-20AC44 Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1502ASL-20AI44 ATMEL-ATF1502ASL-20AI44 Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1502ASL-20JC44 ATMEL-ATF1502ASL-20JC44 Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1502ASL-20JI44 ATMEL-ATF1502ASL-20JI44 Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1502ASL-20QC44 ATMEL-ATF1502ASL-20QC44 Datasheet
344Kb / 18P
High Performance E2PROM CPLD
More results

Similar Description - ATF1502ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
Highperformance EPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
Highperformance EEPROM CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
Highperformance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com