Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB025 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB025
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB025 Datasheet(HTML) 2 Page - STMicroelectronics

  VB025 Datasheet HTML 1Page - STMicroelectronics VB025 Datasheet HTML 2Page - STMicroelectronics VB025 Datasheet HTML 3Page - STMicroelectronics VB025 Datasheet HTML 4Page - STMicroelectronics VB025 Datasheet HTML 5Page - STMicroelectronics VB025 Datasheet HTML 6Page - STMicroelectronics VB025 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
HVC
Collector Voltage (Int ernally Limited)
-0. 3 t o Vclamp
V
IC
Collector Current (Internally Limit ed)
10
A
IC(gn d)
DC Current on Emitt er Power
± 10.5 (∗)A
VCC
Driving Stage Supply Voltage
-0.3 to 7
V
Is
Driving Circuitry Supply Current
± 200
mA
Is(gnd )
DC Current on Ground Pin
± 1A
Vin
Input Voltage
-0.3 to VCC + 0.3
V
Iin
Maximum Input Current
100
mA
fin
Logic Input Frequency in O perative Mode
DC to 150
Hz
Vout(flag)
Output Voltage Primary Threshold Current Level
-0.3 to VCC + 0.3
V
Iout(flag)
Flag Out put Current
100
mA
Pmax
Power Dissipat ion (T C = 105
oC)
T BD
W
Es/b
Clamped Energy During Output Power Clamping
300
mJ
VESD
ESD Voltage (HVC Pin)
± 4KV
VESD
ESD Voltage (O ther Pins)
± 2KV
IBD
Input Darlingt on Base Current
150
mA
VBD
Input Darlingt on Base Volt age
Int ernally Limited
V
Tj
Operat ing Junction Temperature
-40 to 150
oC
Tstg
St orage Temperature Range
-55 to 150
oC
(
∗) With 10 mils Al wire
THERMAL DATA
Rthj-ca se
Thermal Resistance Junct ion Case
(MAX)
1.2
oC/W
Rthj-h
Thermal Resistance Junct ion Heatsink with FR4
(MAX)
T BD (@)
oC/W
Tsold
Lead T emperature During Soldering
(MAX)
T BD (@)
oC
(@) see application note AN515/1094 on VIPower data-book 1
st edition.
VB025SP
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com