Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB025 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB025
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB025 Datasheet(HTML) 3 Page - STMicroelectronics

  VB025 Datasheet HTML 1Page - STMicroelectronics VB025 Datasheet HTML 2Page - STMicroelectronics VB025 Datasheet HTML 3Page - STMicroelectronics VB025 Datasheet HTML 4Page - STMicroelectronics VB025 Datasheet HTML 5Page - STMicroelectronics VB025 Datasheet HTML 6Page - STMicroelectronics VB025 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CONNECTION DIAGRAM
PIN FUNCTION
No
NAME
F UNCTIO N
1-5
GND
Emitt er Power Ground
6
GND
Cont rol G round (*)
7VCC
Logic Supply Volt age
8
BD
Base Darlingt on
9
I NPUT
Logic Input Channel (Int ernal Pull Down)
10
FLAG
Diagnostic Output Signal (Open Emitter)
TAB
HVC
Primary Coil Out put Driver (Open Collect or)
(*) Pin 6 must be connected to pins 1-5 externally
ELECTRICAL CHARACTERISTICS (5.3V < Vb < 24V; VCC =5 V
± 10%; -40oC< Tj < 125oC;
Rcoil = 580 m
Ω;Lcoil = 3.75 mH; unless otherwise specified; see note 1)
Symbol
Parameter
Test Cond iti ons
Min.
Typ.
Max.
Un it
Vcl
High Volt age Clamp
Icoil = 6. 5 A
320
380
420
V
Vce (sat)
Saturation Voltage of The
Power Stage
Ic =6.5A;
Vin =4V
1.5
2
V
ICC(st dby)
St and-by Supply Current
IN = OF F
10
mA
ICC
DC Logic Current
Vb =16 V
Ic =6.5 A f =100 Hz
Load = Coil
VCC =5. 5V
40
mA
ICC(pea k)
Peak DC Logic Current
During On Phase
Ic = 6.5 A
(see figure 1)
100
150
mA
VCC
DC Logic Volt age
4.5
5. 5
V
Icl
Coil Current Limit
-40
oC< Tj <125oC
(see not e 2 and f igure 1)
8. 25
10
A
Ic( le ak)
Output leakage Current
IN = OF F
VHVC = 24V
0. 8
mA
IC(infl)
Collector Current with
Float ing Input
VCC = 5 V
VBat = 13. 5 V
RLOAD =1K
Ω;
Input Floating
0. 8
mA
TIc_ctr
Thermal Temperature
Output Current Cont rol
OUT = ON
(see figure 2)
150
(*)
oC
VB025SP
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com