Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM03M Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # AM03M
Description  COUPLER Product Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

AM03M Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  AM03M Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COUPLER Product Specification
Model:
AM03M(Z)
Rev:
Date: 3/5/2007
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -40 ° to 85 ° C)
WEEE and RoHS Compliant
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
1700
2000
MHz
X
Coupling Value -
3
dB
X
Insertion Loss -
0
0.1
0.2
dB
X
Amplitude Balance -
-0.2
0
0.2
dB
X
Phase Balance -
88
90
92
degrees
X
Return Loss -
-22.1
dB
X
Output Isolation -
23
dB
X
Power Handling -
60
Watts
Average Power CW
Package Information
Package Type:
M (0.56 x 0.2 x 0.075 inches
)
Drawing Number:
SLG002
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - AM03M

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
AM03120-01 VIGO-AM03120-01 Datasheet
718Kb / 2P
AM03120-01 ENGINEERING SAMPLE MWIR InAsSb detection module
16/09/2021
logo
AiT Semiconductor Inc.
AM032NS08H AITSEMI-AM032NS08H Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
AM032NS08HPH8R AITSEMI-AM032NS08HPH8R Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
AM032NS08HPH8VR AITSEMI-AM032NS08HPH8VR Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
logo
Alpha Industries
AM035N4-00 ALPHA-AM035N4-00 Datasheet
57Kb / 2P
32-37 GHz GaAs MMIC Ring Hybrid Mixer
More results

Similar Description - AM03M

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
AH03L SIRENZA-AH03L Datasheet
121Kb / 1P
COUPLER Product Specification
AM03P SIRENZA-AM03P Datasheet
123Kb / 1P
COUPLER Product Specification
AN03L SIRENZA-AN03L Datasheet
123Kb / 1P
COUPLER Product Specification
AP03M SIRENZA-AP03M Datasheet
124Kb / 1P
COUPLER Product Specification
AP03P SIRENZA-AP03P Datasheet
123Kb / 1P
COUPLER Product Specification
AS03L SIRENZA-AS03L Datasheet
123Kb / 1P
COUPLER Product Specification
AV03L SIRENZA-AV03L Datasheet
123Kb / 1P
COUPLER Product Specification
AW03M SIRENZA-AW03M Datasheet
123Kb / 1P
COUPLER Product Specification
AY03L SIRENZA-AY03L Datasheet
124Kb / 1P
COUPLER Product Specification
BC03M SIRENZA-BC03M Datasheet
123Kb / 1P
COUPLER Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com