Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF1508AS
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 9Page - ATMEL Corporation ATF1508AS Datasheet HTML 10Page - ATMEL Corporation ATF1508AS Datasheet HTML 11Page - ATMEL Corporation ATF1508AS Datasheet HTML 12Page - ATMEL Corporation ATF1508AS Datasheet HTML 13Page - ATMEL Corporation ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
ATF1508AS(L)
0784P–PLD–7/05
Power-down
Mode
The ATF1508AS includes two pins for optional pin-controlled power-down feature. When this
mode is enabled, the PD pin acts as the power-down pin. When the PD1 and PD2 pin is high,
the device supply current is reduced to less than 10 mA. During power-down, all output data
and internal logic states are latched and held. Therefore, all registered and combinatorial out-
put data remain valid. Any outputs that were in a high-Z state at the onset will remain at high-
Z. During power-down, all input signals except the power-down pin are blocked. Input and I/O
hold latches remain active to ensure that pins do not float to indeterminate levels, further
reducing system power. The power-down pin feature is enabled in the logic design file.
Designs using either power-down pin may not use the PD pin logic array input. However, bur-
ied logic resources in this macrocell may still be used.
Notes:
1. For slow slew outputs, add tSSO.
2. Pin or product term.
Power-down AC Characteristics(1)(2)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tIVDH
Valid I, I/O before PD High
7
10
15
20
25
ns
t
GVDH
Valid OE(2) before PD High
7
10
15
20
25
ns
t
CVDH
Valid Clock(2) before PD High
7
10
15
20
25
ns
tDHIX
I, I/O Don’t Care after PD High
12
15
25
30
35
ns
t
DHGX
OE(2) Don’t Care after PD High
12
15
25
30
35
ns
t
DHCX
Clock(2) Don’t Care after PD High
1215253035
ns
tDLIV
PD Low to Valid I, I/O
1
1
1
1
1
µs
t
DLGV
PD Low to Valid OE (Pin or Term)
1
1
1
1
1
µs
t
DLCV
PD Low to Valid Clock (Pin or Term)
1
1
1
1
1
µs
tDLOV
PD Low to Valid Output
1
1
1
1
1
µs
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is VCC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com