Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1508AS
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation ATF1508AS Datasheet HTML 20Page - ATMEL Corporation ATF1508AS Datasheet HTML 21Page - ATMEL Corporation ATF1508AS Datasheet HTML 22Page - ATMEL Corporation ATF1508AS Datasheet HTML 23Page - ATMEL Corporation ATF1508AS Datasheet HTML 24Page - ATMEL Corporation ATF1508AS Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
ATF1508AS(L)
0784P–PLD–7/05
OE (1, 2)
Global OE Pins
GCLR
Global Clear Pin
GCLK (1, 2, 3)
Global Clock Pins
PD (1, 2)
Power-down pins
TDI, TMS, TCK, TDO
JTAG pins used for boundary scan testing or in-system programming
GND
Ground Pins
VCCINT
VCC pins for the device (+5V - Internal)
VCCIO
VCC pins for output drivers (for I/O pins) (+5V or 3.3V - I/Os)
ATF1508AS Dedicated Pinouts
Dedicated Pin
84-lead J-lead
100-lead PQFP
100-lead TQFP
160-lead PQFP
INPUT/OE2/GCLK2
2
92
90
142
INPUT/GCLR
1
91
89
141
INPUT/OE1
84
90
88
140
INPUT/GCLK1
83
89
87
139
I/O /GCLK3
81
87
85
137
I/O / PD (1, 2)
12,45
3,43
1,41
63,159
I/O / TDI(JTAG)
14
6
4
9
I/O / TMS(JTAG)
23
17
15
22
I/O / TCK(JTAG)
62
64
62
99
I/O / TDO(JTAG)
71
75
73
112
GND
7,19,32,42,
47,59,72,82
13,28,40,45,
61,76,88,97
11,26,38,43,
59,74,86,95
17,42,60,66,95,
113,138,148
VCCINT
3,43
41,93
39,91
61,143
VCCIO
13,26,38,
53,66,78
5,20,36,53,68,84
3,18,34,51,66,82
8,26,55,79,104,133
N/C
–
–
–
1,2,3,4,5,6,7,34,35,36,
37,38,39,40,44,45,46,
47,74,75,76,77,81,82,
83,84,85,86,87,114,
115,116,117,118,119,
120,124,125,126,127,
154,155,156,157
# of SIGNAL PINS
68
84
84
100
# USER I/O PINS
64
80
80
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com