Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB027
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027 Datasheet(HTML) 1 Page - STMicroelectronics

  VB027 Datasheet HTML 1Page - STMicroelectronics VB027 Datasheet HTML 2Page - STMicroelectronics VB027 Datasheet HTML 3Page - STMicroelectronics VB027 Datasheet HTML 4Page - STMicroelectronics VB027 Datasheet HTML 5Page - STMicroelectronics VB027 Datasheet HTML 6Page - STMicroelectronics VB027 Datasheet HTML 7Page - STMicroelectronics VB027 Datasheet HTML 8Page - STMicroelectronics VB027 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 1999
1/9
®
VB027
/ VB027(011Y) / VB027(012Y)
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
DRIVING CURRENT QUASI PROPORTIONAL
TO COLLECTOR CURRENT
s
DOUBLE FLAG-ON COIL CURRENT
DESCRIPTION
The VB027, VB027(011Y), VB027(012Y) is a high
voltage power integrated circuit made using the
STMicroelectronics VIPower
™ technology, with
vertical current flow power darlington and logic
level compatible driving circuit. Built-in protection
circuit for coil current limiting and collector voltage
clamping allows the device to be used as smart,
high voltage, high current interface in advanced
electronic ignition system.
TYPE
Vcl(min)
Icl(max)
Id(on)max
VB027
VB027(011Y)
VB027(012Y)
300V
9A
130mA
BLOCK DIAGRAM
DRIVER
GND
OVERTEMP.
FLAG 1
REFERENCE
PROTECTION
RSENSE
Vd
HVC
FLAG
INPUT
FLAG 2
QUASI PROP.
BASE CURRENT
PENTAWATT HV
+
-
+
-
PENTAWATT HV (011Y)
PENTAWATT HV (012Y)
ORDER CODES:
PENTAWATT HV
PENTAWATT HV (011Y)
VB027
VB027(011Y)
PENTAWATT HV (012Y)
VB027(012Y)


Similar Part No. - VB027

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027ASP STMICROELECTRONICS-VB027ASP Datasheet
66Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP-E STMICROELECTRONICS-VB027SP-E Datasheet
178Kb / 14P
High voltage ignition coil driver power integrated circuit
14-May-2011
More results

Similar Description - VB027

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com