Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB027
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027 Datasheet(HTML) 3 Page - STMicroelectronics

  VB027 Datasheet HTML 1Page - STMicroelectronics VB027 Datasheet HTML 2Page - STMicroelectronics VB027 Datasheet HTML 3Page - STMicroelectronics VB027 Datasheet HTML 4Page - STMicroelectronics VB027 Datasheet HTML 5Page - STMicroelectronics VB027 Datasheet HTML 6Page - STMicroelectronics VB027 Datasheet HTML 7Page - STMicroelectronics VB027 Datasheet HTML 8Page - STMicroelectronics VB027 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
VB027 / VB027(011Y) / VB027(012Y)
ELECTRICAL CHARACTERISTICS (VCC=13.5V; Vd=5V; Tj=25ºC; Rcoil=510mΩ; Lcoil=7mH unless otherwise
specified)
Note 1: the primary coil current value Icl must be measured 1ms after desaturation of the power stage.
Note 2: time from input switching VNEG until collector voltage equal 200V.
(*) Vd -Vbe(on)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vcl
High voltage clamp
-40
°C≤T
j≤125°C; IC=6A
300
360
400
V
Vcg(sat)
Power stage saturation
voltage
IC=6A; VIN=4V
1.5
V
Vcg(sat)td
Power stage saturation
voltage derating in
temperature
IC=6A; VIN=4V; -40°C≤Tj≤125°C2
V
Id(off)
Power-off supply current
VIN=0.4V
10
mA
Id(on)
Power-on supply current
VIN=4V; IC=6A; -40°C≤Tj≤125°C
130
mA
Vd
Driving stage supply
voltage
4.5
5.5
V
Icl
Collector current limit
VIN=4V (See note 1)
8
8.5
9
A
Icl(td)
Collector current limit drift
with temperature
See figure 3
VINH
High level input voltage
4
5.5
V
VINL
Low level input voltage
0
0.8
V
IINH
High level input current
VIN=4V
200
µA
VdiagH
High level diagnostic
output voltage
REXT=22KΩ (See figure 1)
3.5
(*)
Vd
V
VdiagL
Low level diagnostic
output voltage
REXT=22KΩ (See figure 1)
0.5
V
IC(diag1)
First threshold level
collector current
4.25
4.5
4.75
A
IC(diag1)td
First threshold level
collector current drift with
temperature
See figure 4
IC(diag2)
Second threshold level
collector current
5.45
5.8
6.15
A
IC(diag2)td
Second threshold level
collector current drift with
temperature
See figure 5
td(off)
Turn-off delay time of
output current
IC=6A; (See note 2)
25
µs
tf(off)
Turn-off fall time of output
current
IC=6A
8
µs
td(diag)
Delay time of diagnostic
current
REXT=22KΩ (See figure 1)
1
µs
tr(diag)
Turn-on rise time of
diagnostic current
REXT=22KΩ (See figure 1)
1
µs
tf(diag)
Turn-off fall time of
diagnostic current
REXT=22KΩ (See figure 1)
1
µs
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com