Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027BSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB027BSP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027BSP Datasheet(HTML) 1 Page - STMicroelectronics

  VB027BSP Datasheet HTML 1Page - STMicroelectronics VB027BSP Datasheet HTML 2Page - STMicroelectronics VB027BSP Datasheet HTML 3Page - STMicroelectronics VB027BSP Datasheet HTML 4Page - STMicroelectronics VB027BSP Datasheet HTML 5Page - STMicroelectronics VB027BSP Datasheet HTML 6Page - STMicroelectronics VB027BSP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
June 1999
1/7
®
VB027BSP
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
DRIVING CURRENT QUASI PROPORTIONAL
TO COLLECTOR CURRENT
s
DOUBLE FLAG-ON COIL CURRENT
DESCRIPTION
The VB027BSP is a high voltage power integrated
circuit
made
using
the
STMicroelectronics
VIPower
™ technology, with vertical current flow
power darlington and logic level compatible
driving circuit. Built-in protection circuit for coil
current limiting and collector voltage clamping
allows the device to be used as smart, high
voltage, high current interface in advanced
electronic ignition system.
TYPE
Vcl
Icl
Id(on)
VB027BSP
320V
10.5A
160mA
BLOCK DIAGRAM
PowerSO-10
™
1
10
DRIVER
OVERTEMP.
FLAG 1
REFERENCE
PROTECTION
RSENSE
Vd
HVC
FLAG
INPUT
FLAG 2
QUASI PROP.
BASE CURRENT
+
-
+
-


Similar Part No. - VB027BSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027011Y STMICROELECTRONICS-VB027011Y Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027012Y STMICROELECTRONICS-VB027012Y Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027ASP STMICROELECTRONICS-VB027ASP Datasheet
66Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
More results

Similar Description - VB027BSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com