Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027BSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VB027BSP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027BSP Datasheet(HTML) 4 Page - STMicroelectronics

  VB027BSP Datasheet HTML 1Page - STMicroelectronics VB027BSP Datasheet HTML 2Page - STMicroelectronics VB027BSP Datasheet HTML 3Page - STMicroelectronics VB027BSP Datasheet HTML 4Page - STMicroelectronics VB027BSP Datasheet HTML 5Page - STMicroelectronics VB027BSP Datasheet HTML 6Page - STMicroelectronics VB027BSP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
VB027BSP
PRINCIPLE OF OPERATION
The VB027BSP is mainly intended as high voltage power
switch device driven by a logic level input and interfaces
directly to a high energy electronic ignition coil.
The input VIN of the VB027BSP is fed from a low power
signal generated by an external controller that determines
both dwell time and ignition point. During VIN high (≥4V)
the VB027BSP increases current in the coil to the desired,
internally set current level.
When the collector current exceeds 4.5A, the diagnostic
signal is turned high and it remains so, until the load
current reaches 5.8A (second threshold). At that value,
the diagnostic signal is turned low, and the
µC forces the
VIN to the low state. During the coil current switch-off, the
primary voltage HVC is clamped by a series of Zener
diodes at an internally set value Vcl typically 365V.
The collector current sensed through the Rsense, is limited
thanks to the “Current limiter” block that, as soon as the Icl
level is reached, forces the darlington (using the “Driver”
block) to limit the current provided.
The transition from saturation to desaturation, coil current
limiting phase, must have the ability to accommodate an
overvoltage. A maximum overshoot of 20V is allowed.
There can be some short period of time in which the
output pin (HVC) is pulled below ground by a negative
current
due
to
leakage
inductances
and
stray
capacitances of the ignition coil. This can cause parasitic
glitches on the diagnostic output. VB027BSP has a built-
in protection circuit that allows to lock the p-buried layer
potential of the linear stage to the collector power, when
the last one is pulled underground.
THERMAL BEHAVIOUR
You can see in the block diagram of the VB027BSP a box
called overtemperature protection. The purpose of this
circuit is to shift the current level at which the first
diagnostic is activated down to about 2.5A.
This information can be managed by the micro that can
take the corrective action in order to reduce the power
dissipation. This block is not an effective protection but
just an overtemperature detection. The shift down of the
first flag level cannot be present for temperatures lower
than 125
°C.
As an example of its behavior you can suppose a very
simple motor management system in which the micro
does just a simple arithmetic calculation to decide when to
switch-off the device after the first flag threshold.
EXAMPLE:
IC(DIAG1) info after x ms (IC(DIAG1)=4.5A)
Iswitch-off info after kx ms.
As soon as the temperature rises over the overtemp
threshold, the first diagnostic is shifted down to about
2.5A and, in this example, the switch-off current will be
kx*2.5 / 4.5.
OVERVOLTAGE
The VB027BSP can withstand the following transients of
the battery line:
-100V / 2ms (Ri=10Ω)
+100V / 0.2ms (Ri=10Ω)
+50V / 400ms (Ri=4.2 Ω, with VIN=3V)
FIGURE 1: Application circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com