Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA96 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA96
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA96 Datasheet(HTML) 2 Page - Cirrus Logic

  PA96 Datasheet HTML 1Page - Cirrus Logic PA96 Datasheet HTML 2Page - Cirrus Logic PA96 Datasheet HTML 3Page - Cirrus Logic PA96 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to −VS
300V
OUTPUT CURRENT, continuous
1.5A,
POWER DISSIPATION, internal, DC
70W
INPUT VOLTAGE, common mode
+V
S to −VS
INPUT VOLTAGE, differential
±15V
TEMPERATURE, pin solder, 10s
300°C
TEMPERATURE, junction1
150°C
TEMPERATURE RANGE, storage
−65 to 150°C
OPERATING TEMPERATURE, case
−55 to 125°C
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
1
5
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
20
50
µV/°C
OFFSET VOLTAGE vs. supply
20
µV/V
BIAS CURRENT, initial
200
pA
BIAS CURRENT vs. supply
0.1
pA/V
OFFSET CURRENT, initial
50
pA
INPUT RESISTANCE, DC
100
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE3
+V
S − 13
V
COMMON MODE VOLTAGE RANGE3
−V
S + 13
V
COMMON MODE REJECTION, DC
92
dB
NOISE
100KHz bandwidth, 1kΩ R
s
6
µV RMS
GAIN
OPEN LOOP @ 15Hz
R
L= 1kΩ, CC=100pF
96
114
dB
GAIN BANDWIDTH PRODUCT @ 1MHz VS = 150V, -VS = 150V,
100
175
MHz
A = -100, RF = 100K
PHASE MARGIN
Full temperature range, using
60
°
recommended C
C for gain.
PBW
250V p-p output, 100Ω,
100
KHz
+150V Supplies, Cc = 0pf
OUTPUT
VOLTAGE SWING3
I
O = 1.5A
+V
S − 12
+V
S − 5.6
V
VOLTAGE SWING3
I
O = −1.5A
−V
S + 12
−V
S + 10
V
VOLTAGE SWING3
I
O = 0.1A
+V
S − 8
V
VOLTAGE SWING3
I
O = −0.1A
−V
S + 8
V
CURRENT, continuous, DC
1.5
A
SLEW RATE
A
V = −100, ±150V Supplies, 250Ω load
200
250
V/µS
negative slope, Positiveslope much
faster
SETTLING TIME, to 0.1%
A
V = −100, 1V Step, CC = 0pF
2
µS
RESISTANCE, open loop
DC, 1A Load
7
10
Ω
THERMAL
RESISTANCE, AC Junction to Case4
Full temperature range. f > 60Hz
1.2
1.3
°C/W
RESISTANCE, DC Junction to Case
Full temperature range. f < 60Hz
1.6
1.8
°C/W
RESISTANCE, Junction to Ambient
30
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
-25
85
°C
POWER SUPPLY
VOLTAGE
±15
±100
±150
V
CURRENT, Quiescent total
25
30
35
mA
CURRENT, Quiescent output stage only
10
mA
PA96
NOTES: 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
2. The power supply voltage specified under typical (TYP) applies unless noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com