Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA96 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA96
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA96 Datasheet(HTML) 1 Page - Cirrus Logic

  PA96 Datasheet HTML 1Page - Cirrus Logic PA96 Datasheet HTML 2Page - Cirrus Logic PA96 Datasheet HTML 3Page - Cirrus Logic PA96 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE - 300 VOLTS
• HIGH OUTPUT CURRENT – 1.5 AMPS
• 70 WATT DISSIPATION CAPABILITY
• 175 MHz GAIN BANDWIDTH
• 250 V/µ-SECOND SLEW RATE
APPLICATIONS
• PZT DRIVE
• MAGNETIC DEFLECTION
• PROGRAMMABLE POWER SUPPLIES
• 70V LINE AUDIO to 70W
DESCRIPTION
The PA96 is a state of the art high voltage, high current
operational amplifier designed to drive resistive, capacitive
and inductive loads. For optimum linearity, the output stage
is biased for class A/B operation. External compensation
provides user flexibility in maximizing bandwidth at any gain
setting. The safe operating area (SOA) can be observed for
all operating conditions by selection of user programmable
current limit. For continuous operation under load, a heatsink
of proper rating is required.
The hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible isolation washers voids the warranty.
EQUIVALENT CIRCUIT DIAGRAM
TYPICAL APPLICATION
PZT POSITION CONTROL
The MOSFET output stage of the PA96 provides superior
SOA performance compared to bipolar output stages where
secondary breakdown is a concern. The extended SOA is
ideal in applications where the load is highly reactive and
may impose simultaneously both high voltage and high cur-
rent across the output stage transistors. In the figure above
a piezo-electric transducer is driven to high currents and high
voltages by the PA96.
EXTERNAL CONNECTIONS
M I C R O T E C H N O L O G Y
PA96
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA96

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA96 APEX-PA96 Datasheet
270Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
logo
Sames
PA9605AP SAMES-PA9605AP Datasheet
59Kb / 6P
THREE PHASE POWER/ENERGY METERING INTERFACE ADAPTOR
logo
Greenlee Communications
PA9611 GREENLEE-PA9611 Datasheet
63Kb / 1P
CONN RG6 WATERPROOF CATV F SealTite® Cable TV F Compression Connectors
logo
List of Unclassifed Man...
PA96CE ETC2-PA96CE Datasheet
559Kb / 5P
Power Operational Amplifier
More results

Similar Description - PA96

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com