Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA56
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA56 Datasheet(HTML) 2 Page - Cirrus Logic

  SA56 Datasheet HTML 1Page - Cirrus Logic SA56 Datasheet HTML 2Page - Cirrus Logic SA56 Datasheet HTML 3Page - Cirrus Logic SA56 Datasheet HTML 4Page - Cirrus Logic SA56 Datasheet HTML 5Page - Cirrus Logic SA56 Datasheet HTML 6Page - Cirrus Logic SA56 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SA56
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, V
DD
5.5V
SUPPLY VOLTAGE, V
S
60V
PEAK OUTPUT CURRENT (100mS)
10A
CONTINUOUS OUTPUT CURRENT
5A
POWER DISSIPATION
125W
POWER DISSIPATION (T
A = 25°C, Free Air)
10W
JUNCTION TEMPERATURE, T
J(MAX)
150°C
ESD SUSCEPTIBILITY (Logic Pins Only)
1500V
STORAGE TEMPERATURE, T
STG
–40°C to +150°C
LEAD TEMPERATURE (Soldering, 10 sec.)
300°C
JUNCTION TEMPERATURE, T
J
–40°C to +150°C
NOTE: These specifications apply for V
S = 50V and VDD = 5V at 25°C, unless otherwise specified.
SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V
S
12
60
V
VDD
4.5
5.5
V
SWITCH ON RESISTANCE, R
DS(ON)
Output Current = 5A
0.23
0.6
Ω
N-Channel
SWITCH ON RESISTANCE, R
DS(ON)
Output Current = 5A
0.27
0.6
Ω
P-Channel
CLAMP DIODE FORWARD DROP, V
CLAMP
Clamp Current = 5A
1.43
V
LOGIC LOW INPUT VOLTAGE, V
IL
-0.5
0.8
V
LOGIC LOW INPUT CURRENT, I
IL
V
IN = –0.1V
-10
+10
µA
LOGIC HIGH INPUT VOLTAGE, V
IH
2
V
DD
V
LOGIC HIGH INPUT CURRENT, I
IH
V
IN = 5.5V
-10
10
µA
CURRENT SENSE OUTPUT
I
OUT = 1A
180
240
300
µA
I
OUT = 5A
.79
1.0
1.32
mA
CURRENT SENSE LINEARITY ERROR
1A ≤ I
OUT ≤ 5A
±1
±5
%
100 mA ≤ I
OUT ≤ 5A
±8
%
5A ≤ I
OUT ≤ 10A (Peak Currents only)
±8
%
SHUTDOWN TEMPERATURE, T
JSD
Outputs Turn OFF
160
°C
QUIESCENT SUPPLY CURRENT, I
S
No Load, F
SW = 100kHz 50% DUC
26
50
mA
QUIESCENT SUPPLY CURRENT, I
DD
No Load, F
SW = 100kHz 50% DUC
6
15
mA
OUTPUT TURN-ON DELAY TIME, t
Don
No Load
200
ns
OUTPUT TURN-ON SWITCHING TIME, t
on
No Load
41
ns
OUTPUT TURN-OFF DELAY TIMES, t
Doff
No Load
272
ns
OUTPUT TURN-OFF SWITCHING TIME, t
off
No Load
46
ns
MINIMUM INPUT PULSE WIDTH, t
p
No Load
140
ns
(DIGITAL MODE)
REFERENCE VOLTAGE
I
REF = 1mA
2.3
2.5
2.7
V
Vref OUTPUT CURRENT (Vref 2.5V), I
REF
Source Only, No current sink capability
1
mA
ANALOG INPUT RANGE FOR
Load Current = 400µA
1
4
V
FULL MODULATION
HIGH CURRENT SHUTDOWN RESPONSE
Output shorted
250
800
ns
(No bypass capacitor at SCin pin)
THERMAL
RESISTANCE, Junction to Case
Full Temperature Range
1
°C/W
RESISTANCE, Junction to Air
Full Temperature Range
12.21
°C/W
TEMPERATURE RANGE, Case
-40
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com