Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56 Datasheet(PDF) 6 Page - Cirrus Logic

Part # SA56
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA56 Datasheet(HTML) 6 Page - Cirrus Logic

  SA56 Datasheet HTML 1Page - Cirrus Logic SA56 Datasheet HTML 2Page - Cirrus Logic SA56 Datasheet HTML 3Page - Cirrus Logic SA56 Datasheet HTML 4Page - Cirrus Logic SA56 Datasheet HTML 5Page - Cirrus Logic SA56 Datasheet HTML 6Page - Cirrus Logic SA56 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
6
OPERATING
CONSIDERATIONS
SA56
MODES OF OPERATION
The following chart shows the 3 modes of operation.
Mode
C
PWM
pin 12
PWM
pin 17
DIR
pin 16
A
OUT
pins 21, 23
B
OUT
pins 2, 3
2 Quadrant – Analog Mode
Connect ca-
pacitor to set
frequency
Analog control
voltage
(1 – 4V)
Low (SIG
GND)
Control voltage
greater than V
REF:
(A
OUT – BOUT)< 0
average
voltage
Control voltage
greater than V
REF:
(B
OUT – AOUT)> 0
average
voltage
2 Quadrant – Digital Mode
SIG
GND
Modulation In
High (V
DD)
High (V
S)
PWM
SIG
GND
Modulation In
Low (SIG
GND)
PWM
High (V
S)
4 Quadrant – Digital Mode
SIG
GND
High (V
DD)
Modulated In
DIR
DIR
4-QUADRANT - ANALOG MODE
The SA56 can operate in 4-quadrant mode with analog or
digital inputs. In the analog mode, the capacitor from C
PWM to
SIG
GND sets the frequency of an internal triangular ramp sig-
nal. See Figure 2. An analog voltage applied to the PWM pin
is compared to a 2.5 volt reference within the SA56 thereby
governing the duty cycle of the output. Note that the analog
pin DIR pin 16 is connected to signal ground (SIG
GND).
OPERATING WITH DIGITAL INPUTS
Two and 4-quadrant operation are possible with the SA56
when driven with a digital PWM signal from a microcontroller or
DSP. When using a digital modulation signal, tie the C
PWM pin
to SIG
GND to disable the internal oscillator and ramp generator.
When operating in the digital mode, pulse widths should be no
less than 100 ns and the switching frequency should remain
less than 500 kHz. This will allow enough time for the output
MOSFETs to reach their full on and off states before receiving
a command to reverse state.
2-QUADRANT - DIGITAL MODE
Two-quadrant operation of the FETs is realized by driving
PWM pin 17 of the SA56 with a digital PWM signal supplied
by a microcontroller or DSP, as depicted in Figure 3. When
using a digital modulation signal, connect the C
PWM pin to
SIG
GND to disable the internal oscillator and its companion
ramp generator.
A digital PWM signal applied to the PWM pin controls the
output duty cycle at one output pin while the other output pin is
held "HIGH". The input at the DIR pin (V
DD or SIGGND) governs
the output behavior. If DIR is a logic HIGH, the A
OUT output
will be held high and the B
OUT output will be switched as the
complement of the PWM input signal. The average output at
A
OUT will always be greater than at BOUT. Whereas if DIR is a
logic LOW, the B
OUT output will be held "HIGH" and the AOUT
output will be switched.
Operating in two-quadrant mode reduces switching noise
and power dissipation, but limits the ability to control the motor
at very low speed.
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com