Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB927 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB927
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927 Datasheet(HTML) 2 Page - STMicroelectronics

  VB927 Datasheet HTML 1Page - STMicroelectronics VB927 Datasheet HTML 2Page - STMicroelectronics VB927 Datasheet HTML 3Page - STMicroelectronics VB927 Datasheet HTML 4Page - STMicroelectronics VB927 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Val ue
Unit
VB927
VB927FI
HVc
Collect or Voltage
Internally Limit ed
V
Vin
Maximum Input Volt age
15
V
Ic
Collect or Current
Internally Limit ed
A
Iin
Input Current
Internally Limit ed
mA
Pto t
Total Dissipat ion at Tc =25
oC
150
70
W
Tst g
St orage Temperature
-40 to150
oC
Tj
Operating Junction T emperature
-40 to150
oC
THERMAL DATA
TO-247
ISOWATT5
Unit
Rthj-ca se
Thermal Resist ance Junct ion-case
Max
0.6
2
oC/W
Rthj- amb
Thermal Resistance Junction-ambient
Max
30
oC/W
ELECTRICAL CHARACTERISTICS (Vbatt = 14 V, -40 < Tj < 125
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ile ak
Collect or Cut-off
Current
Vin =0
HVc =250 V
250
µA
Vcl *
Clamping Voltage
-40 < Tj < 125
oC
380
420
490
V
Vcg( sat)
Power Stage
Saturat ion Voltage
Ic =5 A Iin = 10mA 25
≤ Tj ≤ 125 oC
Ic =6 A Iin = 10mA -40
≤ Tj ≤ 25 oC
2.5
3
V
V
Icl *
Coil Current Limit
Vin =5 V
-40
≤ Tj ≤ 125 oC8.5
9.5
A
Iin
Input Current
Vin =5 V
Ic =5 A
Vin =5 V
Ic =5 A
Tj =25
oC3
10
10
mA
mA
Vf **
Diode Forward Volt age
If =10 A
Tj =25
oC1.2
2.2
3.2
V
Vin(h)
Input Voltage (ON)
On state input threshold
3. 2
3.6
V
Vin (l)
Input Voltage (OFF )
Of f state input threshold
3
3.4
V
Vn(hy st )
Input Voltage (Hyst.)
0. 2
0.6
V
td(off)
Turn-off T ime
Ic = 5 A
30
µs
Tj
Junct ion Temperature
Limit
See note1
150
oC
* Coil data: primary resistance Rc = 0.4 - 0.8
Ω, primary inductance Lc =6 - 8 mH
** Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Note1 : Tj min = 150
oC means that the behaviour of the device will not be affected for junction temperature lower then 150 oC . For higher
temperature, the thermal protection circuit will begin its action reducing the Icl limit according with the power dissipation. Chip temperature is
a function of the Rth of the whole system in which the device with be operating.
VB927
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com